Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGPL6NC60D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGPL6NC60D
Description  N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGPL6NC60D Datasheet(HTML) 1 Page - STMicroelectronics

  STGPL6NC60D Datasheet HTML 1Page - STMicroelectronics STGPL6NC60D Datasheet HTML 2Page - STMicroelectronics STGPL6NC60D Datasheet HTML 3Page - STMicroelectronics STGPL6NC60D Datasheet HTML 4Page - STMicroelectronics STGPL6NC60D Datasheet HTML 5Page - STMicroelectronics STGPL6NC60D Datasheet HTML 6Page - STMicroelectronics STGPL6NC60D Datasheet HTML 7Page - STMicroelectronics STGPL6NC60D Datasheet HTML 8Page - STMicroelectronics STGPL6NC60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2007
Rev 1
1/19
19
STGBL6NC60D - STGDL6NC60D
STGFL6NC60D - STGPL6NC60D
N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP
Hyper fast IGBT
Features
■ Very high frequency operation
■ Low CRES / CIES ratio (no cross-conduction
susceptibility)
■ Very soft ultra fast recovery antiparallel diode
Description
Based on PowerMESH technology and thanks to
a new lifetime control system, this new series
exhibits very low turn-off energy realizing the best
trade-off between on-state voltage and switching
losses and so allowing very high operating
frequencies.
Applications
■ Very high frequency applications
■ High frequency lamp ballast
■ SMPS and PFC (hard switching too)
Figure 1.
Internal schematic diagram
Type
VCES
IC
@100°C
STGBL6NC60D
STGDL6NC60D
STGPL6NC60D
STGFL6NC60D
600V
600V
600V
600V
8A
7A
8A
4A
1
3
1
2
3
1
2
3
TO-220FP
TO-220
DPAK
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGBL6NC60DT4
GBL6NC60D
D²PAK
Tape & reel
STGDL6NC60DT4
GDL6NC60D
DPAK
Tape & reel
STGPL6NC60D
GPL6NC60D
TO-220
Tube
STGFL6NC60D
GFL6NC60D
TO-220FP
Tube
www.st.com


Similar Part No. - STGPL6NC60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGPL6NC60D STMICROELECTRONICS-STGPL6NC60D Datasheet
523Kb / 19P
600 V - 6 A hyper fast IGBT
09-Jul-2008
STGPL6NC60DI STMICROELECTRONICS-STGPL6NC60DI Datasheet
645Kb / 18P
6 A, 600 V hyper fast IGBT
13-Aug-2009
More results

Similar Description - STGPL6NC60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
Mar-2004
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
Mar-2004
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com