Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLM-SMP-FT. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCLM-SMP-FT.
Description  EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCLM-SMP-FT. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCLM-SMP-FT. Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
EMI Protection Hardware
with Nickel-Zinc Ferrite Cores
Cable Clamps for Standard and Miniature Connectors
PCLM Series
PCLM-FT ferrite core
and cable clamp,
standard size.
PCLM-FT
ferrite cable
clamp attaches
to standard
connectors to
provide EMI
protection.
Ferrite core
included.
For twisted shielded wire
visit us online.
PCLM-SMP-FT ferrite
core and cable clamp,
miniature size.
Both models
shown larger
than actual size.
To Order
Model No.
Compatible
Connectors
by Type
Maximum
Wire Gage for
Duplex Wire
Impedance (Ω) @±20%
Description
@25 Mhz
@100 Mhz
PCLM-FT
(for standard
connectors)
OST, OSTW, HST,
HSTW, OGP, HGST,
OTP
14 AWG
120
225
Ferrite cable clamp,
standard size.
PCLM-SMP-FT
(for miniature
connectors)
SMP, SMPW,
GMP, HGMP, HMP,
HMPW, MTP
22 AWG
105
155
Ferrite cable clamp,
miniature size.
PCLM-SMP-RSC-FT
(for miniature
connectors)
SMP, SMPW,
GMP, HGMP, HMP,
HMPW, MTP
22 AWG
105
155
Ferrite cable clamp,
miniature size use with
RSC cable.
Ferrite Cable Clamp
Patented
Ordering Example: PCLM-SMP-FT, ferrite cable clamp for subminiature connector.
U
Helps Reduce
EMI/RFI Noise in
Measurement Circuit


Similar Part No. - PCLM-SMP-FT.

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCLM-SMP-FT OMEGA-PCLM-SMP-FT Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
logo
List of Unclassifed Man...
PCLM-SMP-FT ETC-PCLM-SMP-FT Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
More results

Similar Description - PCLM-SMP-FT.

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
Glenair, Inc.
IT3420-4 GLENAIR-IT3420-4 Datasheet
578Kb / 2P
Neoprene Sleeve for Protection & Reduction used with Class A or C Cable Clamps
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
E-SWITCH
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
List of Unclassifed Man...
SC02MFA-SS ETC2-SC02MFA-SS Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Omega Engineering, Inc.
PCLM-FT OMEGA-PCLM-FT Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com