Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT06F8-4S-R Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PT06F8-4S-R
Description  CONNECTORS TWIST-LOCK TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PT06F8-4S-R Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PT06F8-4S-R Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
U
Rugged Aluminum Shells
U
Rated to 125°C (257°F)
U
Strain-Relief Cable Clamp
U
Secure Solder Contacts
U
#20 AWG Wire Size
U
High-Conductivity
Gold-Plated Contacts
The OMEGA® PT Series connectors
provide an efficient method of
connecting pressure transducers
to associated instrumentation with
multiconductor cable. The solder
contacts are designed to provide
positive connections for signal or
power circuitry. The connectors
come in a selection of operating
temperature ranges to meet most
industrial applications.
SPECIFICATIONS
Insulation Resistance @ 25°C (77°F):
5000 M
Ω min
Voltage Drop: #20 contact, #20 wire,
at 7.5 A, 55 mV max
ENVIRONmENTAlly
PROTECTED mODElS
Air Pressure: 30 psi (2 bar)
at -55°C (-67°F)
Durability: 500 cycles of coupling
and uncoupling
Shells: Aluminum alloy, 0.0003
cadmium plate with olive drab chromate
or Black Zinc (RoHS)
Insulators: Neoprene on all, except
silicone on PCS06E10-6S
Contacts: High-conductivity copper
alloy, 0.000050 gold over copper
FEmAlE
mAlE
PT01F
PT06F
Integral
Solder Contacts
Included
PT06F10-6S,
shown actual size.
PT06F8-4S,
shown smaller
than actual size.
CONNECTORS
TWIST-LOCK TYPE
mODEl NO. A DIA. mIN
B mAx
C mAx
D mAx
E ±0.020
PT01F8-4P 5.94 (0.234) 21.03 (0.828) 48.82 (1.922) 21.03 (0.828) 23.83 (0.938)
PT01F10-6P 7.54 (0.297) 22.63 (0.891) 48.82 (1.922) 24.23 (0.954) 26.97 (1.062)
PT06F8-4S 5.94 (0.234) 21.03 (0.828) 46.43 (1.828) 19.05 (0.750)
—
PT06F10-6S 7.54 (0.297) 22.63 (0.891) 46.43 (1.828) 21.82 (0.859)
—
Dimensions: mm (inch)
PT Series
To Order
NO. OF
TEmPERATuRE
mODEl NO.
CONTACTS
RANGE
FEATuRES
PT01F8-4P*
4 male
-55 to 125°C
Environmentally
(-67 to 257°F)
protected
PT01F10-6P*
6 male
-55 to 125°C
Environmentally
(-67 to 257°F)
protected
PT06A10-6S*
6 female
-55 to 125°C
Indoor use
(-67 to 257°F)
PT06F8-4S*
4 female
-55 to 125°C
Indoor use
(-67 to 257°F)
PT06F8-4SG*
4 female
-55 to 125°C
Internal sealing gland
(-67 to 257°F)
PT06F10-6S*
6 female
-55 to 125°C
Indoor use
(-67 to 257°F)
PTS06A10-6S*
6 female
-55 to 150°C
Extended temperature
(-67 to 302°F)
range
PCS06E10-6S*
6 female
-55 to 204°C
High temperature
(-67 to 399°F)
Note: “P” suffix denotes male pins; “S” suffix denotes female sockets *“-R” suffix denotes RoHS.
Ordering Example: PT01F8-4P, 4 contacts, male, and PT06F8-4S, 4 contacts, female.
C
A
A
C
D
D
C
B
B
C
B
C
D
E
D
E


Similar Part No. - PT06F8-4S-R

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PT06F8-4S OMEGA-PT06F8-4S Datasheet
565Kb / 2P
THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
PT06F8-4S OMEGA-PT06F8-4S Datasheet
380Kb / 1P
CONNECTORS TWIST-LOCK TYPE
PT06F8-4SG OMEGA-PT06F8-4SG Datasheet
380Kb / 1P
CONNECTORS TWIST-LOCK TYPE
More results

Similar Description - PT06F8-4S-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191600039 MOLEX4-0191600039 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600040 MOLEX4-0191600040 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600043 MOLEX4-0191600043 Datasheet
96Kb / 2P
Twist Lock Splice for 8-22 AWG Wire
0191600042 MOLEX4-0191600042 Datasheet
96Kb / 2P
Twist Lock Splice for 10-22 AWG Wire
0191600041 MOLEX4-0191600041 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
logo
List of Unclassifed Man...
561-EZAB450T ETC2-561-EZAB450T Datasheet
124Kb / 2P
Twist Lock Support on Adhesive Base
561-EZFB025 ETC2-561-EZFB025 Datasheet
41Kb / 2P
EZ Twist Lock on Fin Clip Base
561-EZS200 ETC2-561-EZS200 Datasheet
195Kb / 2P
EZ Twist Lock Support PCB
HBL3521C ETC2-HBL3521C Datasheet
203Kb / 3P
Twist-Lock Plug
HBL2815 ETC2-HBL2815 Datasheet
189Kb / 3P
HBL2815 -- Twist-Lock Flanged Inlet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com