Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L730 Datasheet(PDF) 2 Page - Legrand North America, LLC

Part # L730
Description  Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

L730 Datasheet(HTML) 2 Page - Legrand North America, LLC

  L730 Datasheet HTML 1Page - Legrand North America, LLC L730 Datasheet HTML 2Page - Legrand North America, LLC L730 Datasheet HTML 3Page - Legrand North America, LLC L730 Datasheet HTML 4Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING INFORMATION
Catalog
Rating
Cord
NEMA
Number
A. V.
Description/Color
Diameter
Config. No.
Connectors IP20 Suitability
PSL515-C
15 125
Black Back, White Front Body
.230"-.720"
L5-15R
CRL515-C
15 125
Corrosion-Resistant
.230"-.720"
L5-15R
Yellow Back, White Front Body
PSL615-C
15 250
Black Back, White Front Body
.230"-.720"
L6-15R
PSL715-C
15 277*
Black Back, White Front Body
.230"-.720"
L7-15R
L520-C
20 125
Black Back, White Front Body
.750"-1.150" L5-20R
L520-CBK
20 125
Black Back, Black Front Body
.750"-1.150" L5-20R
CRL520-C
20 125
Corrosion-Resistant,
.750"-1.150" L5-20R
Yellow Back, White Front Body
L620-C
20 250
Black Back, White Front Body
.750"-1.150" L6-20R
CRL620-C
20 250
Corrosion-Resistant,
.750"-1.150" L6-20R
Yellow Back, White Front Body
L720-C
20 277*
Black Back, White Front Body
.750"-1.150" L7-20R
L530-C
30 125
Black Back, White Front Body
.750"-1.150" L5-30R
L530-CBK
30 125
Black Back, Black Front Body
.750"-1.150" L5-30R
CRL530-C
30 125
Corrosion-Resistant,
.750"-1.150" L5-30R
Yellow Back, White Front Body
L630-C
30 250
Black Back, White Front Body
.750"-1.150" L6-30R
CRL630-C
30 250
Corrosion-Resistant,
.750"-1.150" L6-30R
Yellow Back, White Front Body
L730-C
30 277*
Black Back, White Front Body
.750"-1.150" L7-30R
Plugs IP20 Suitability
PSL515-P
15 125
Black Back, White Front Body
.230"-.720"
L5-15P
CRL515-P
15 125
Corrosion-Resistant,
.230"-.720"
L5-15P
Yellow Back, White Front Body
PSL615-P
15 250
Black Back, White Front Body
.230"-.720"
L6-15P
PSL715-P
15 277*
Black Back, White Front Body
.230"-.720"
L7-15P
L520-P
20 125
Black Back, White Front Body
.225"-1.150" L5-20P
L520-PBK
20 125
Black Back, Black Front Body
.225"-1.150" L5-20P
CRL520-P
20 125
Corrosion-Resistant,
.225"-1.150" L5-20P
Yellow Back, White Front Body
L620-P
20 250
Black Back, White Front Body
.225"-1.150" L6-20P
CRL620-P
20 250
Corrosion-Resistant,
.225"-1.150" L6-20P
Yellow Back, White Front Body
L720-P
20 277*
Black Back, White Front Body
.225"-1.150" L7-20P
L530-P
30 125
Black Back, White Front Body
.225"-1.150" L5-30P
L530-PBK
30 125
Black Back, Black Front Body
.225"-1.150" L5-30P
CRL530-P
30 125
Corrosion-Resistant,
.225"-1.150" L5-30P
Yellow Back, White Front Body
L630-P
30 250
Black Back, White Front Body
.225"-1.150" L6-30P
CRL630-P
30 250
Corrosion-Resistant,
.225"-1.150" L6-30P
Yellow Back, White Front Body
L730-P
30 277*
Black Back, White Front Body
.225"-1.150" L7-30P
PASS & SEYMOUR®
Industrial Spec Grade Turnlok® Locking Devices
3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
For more information on these and other P&S products refer to our Catalog or visit our web site.
NEMA
L5-30P
NEMA
L6-30P
NEMA
L7-30P
NEMA
L5-20P
NEMA
L6-20P
NEMA
L7-20P
NEMA
L6-15P
NEMA
L7-15P
NEMA
L5-15P
NEMA
L5-30R
NEMA
L6-30R
NEMA
L7-30R
NEMA
L5-20R
NEMA
L6-20R
NEMA
L7-20R
NEMA
L6-15R
NEMA
L7-15R
NEMA
L5-15R
*AC only.
SF1702R4 — Updated January 2016 — For latest specs visit www.legrand.us/passandseymour



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com