Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1282IPWR Datasheet(PDF) 36 Page - Texas Instruments

Part # DAC1282IPWR
Description  DAC1282 Low Distortion Digital-to-Analog Converter for Seismic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1282IPWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC1282IPWR Datasheet HTML 32Page - Texas Instruments DAC1282IPWR Datasheet HTML 33Page - Texas Instruments DAC1282IPWR Datasheet HTML 34Page - Texas Instruments DAC1282IPWR Datasheet HTML 35Page - Texas Instruments DAC1282IPWR Datasheet HTML 36Page - Texas Instruments DAC1282IPWR Datasheet HTML 37Page - Texas Instruments DAC1282IPWR Datasheet HTML 38Page - Texas Instruments DAC1282IPWR Datasheet HTML 39Page - Texas Instruments DAC1282IPWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
DGND
SWOUTN SWOUTP
SWINP SWINN
DVDD
AVDD
(24)
AVDD
(13)
VREF
REF5050
REF5045
Controller
4.096 MHz
50
0.1 µF
100 µF
1 µF
+V
+2.5 V
+3.3 V
Output
CAPN
CAPP
C
1 nF C0G
1
C
1 nF C0G
2
VOUTP
VOUTN
Switched Output
CLK
CS
SCLK
DIN
DOUT
SYNC
SW/TD
RESET/PWDN
50
50
50
R
50
1
R
50
2
1 µF
DAC1282
AVSS
(14)
-2.5 V
1 µF
AVSS
(23)
1 µF
NR
4.7 µF
DAC1282, DAC1282A
SBAS490B – DECEMBER 2011 – REVISED MAY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
Figure 50 shows the basic DAC1282 connection. Bipolar analog supplies are shown (±2.5 V). Single-supply
operation is also possible with AVDD = 5 V and AVSS = GND. The digital supply range is 1.65 V to 3.6 V.
A low-noise, low-drift reference is recommended for best performance, such as the REF5050 (+5 V) and
REF5045 (+4.5 V). Best signal-to-noise ratio is achieved with a 5-V reference, although a 4.5-V reference
(REF5045) can be used with 1-dB loss in SNR. The 4.5-V reference can be operated from a 5-V supply. AVSS
(pin 14) is the key reference ground point and should be connected to the reference ground terminal using a star
connection. C1 and C2 are the required 1-nF output filter capacitors. The capacitors should be of the low volt-
coefficient type (such as a COG ceramic or similar) and placed close to the device pins. Output resistors, R1 and
R2, decouple the DAC to ensure best performnace when driving capacitive loads. The output is shown routed to
the signal switch, providing a second, switched DAC output.
Figure 50. Basic Connection
36
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com