Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEE93 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEE93
Description  General Power Transformer Type:CEE Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEE93 Datasheet(HTML) 1 Page - Sumida Corporation

  CEE93 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer<SMD Type:CEE Series>
Type: CEE93
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
2.0
10
◆
Product Description
・
10.0×8.7mm Max.(L×W), 3.9mm Max. Height.
・
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
◆
Feature
・
Max. Operating frequency 500KHz,Max. Operating Power 1.8W(500kHz).
・
Ideally used in Digital Video Camera.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Schematics (Bottom)
◆
Land Pattern (mm)
“
S”indicates winding start.
◆
Specification
Sample No.
Inductance(5-8)
(1kHz/1.0V)
D.C.R.
(1-4)
6375 – T138
794μH±25% within
2.20Ω Max.
8.2 ±0.5
9.2 ±0.5
10.8 ±0.5
3.6
±0.3
Adhesive
4
3
2
1
8
7
6
5
S
S
S
S
S


Similar Part No. - CEE93

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEE93 SUMIDA-CEE93 Datasheet
97Kb / 1P
DC-DC CONVERTER
More results

Similar Description - CEE93

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
General Power Transformer
CEE128 SUMIDA-CEE128 Datasheet
127Kb / 1P
General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
General Power Transformer
CEPH199 SUMIDA-CEPH199_06 Datasheet
119Kb / 1P
General Power Transformer
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
General Power Transformer < SMD Type: CLQ Series>
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
General Power Transformer
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
General Power Transformer
CM-5LN SUMIDA-CM-5LN Datasheet
135Kb / 2P
General Power Transformer(smd type:cm series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com