Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 8 Page - Texas Instruments

Part # DIX9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments DIX9211 Datasheet HTML 10Page - Texas Instruments DIX9211 Datasheet HTML 11Page - Texas Instruments DIX9211 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Timing Requirements (continued)
MIN
NOM
MAX
UNIT
(1)
All values referred to the VIH minimum and VIL maximum levels listed in the Digital I/O Characteristics section of this table.
(2)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH minimum input level) to bridge the
undefined region of the falling edge of SCL.
(3)
The maximum tHDDAT has only to be met if the device does not stretch the Low period (tLOW) of the SCL signal.
(4)
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement that tSUDAT be 250 ns (minimum)
must then be met. For the DIX4192-Q1, this condition is automatically the case, because the device does not stretch the Low period of
the SCL signal.
(5)
CB is defined as the total capacitance of one bus line in picofarads (pF). If mixed with High-Speed mode devices, faster fall times are
allowed.
HOST INTERFACE: SPI MODE
fCCLK
Serial clock (CCLK) frequency
0
40
MHz
tCSCR
CS falling to CCLK rising
8
ns
tCFCS
CCLK falling to CS rising
7
ns
tCDS
CDIN data set-up time
7
ns
tCDH
CDIN data hold time
6
ns
tCFDO
CCLK falling to CDOUT data valid
3
ns
tCSZ
CS rising to CDOUT high-impedance
3
ns
HOST INTERFACE: I2C STANDARD MODE(1)
fSCL
SCL clock frequency
0
100
kHz
tHDSTA
Hold time repeated START condition
4
μs
tLOW
Low period of SCL clock
4.7
μs
tHIGH
High period of SCL clock
4
μs
tSUSTA
Set-up time repeated START condition
4.7
μs
tHDDAT
Data hold time
0(2)
3.45(3)
μs
tSUDAT
Data set-up time
250
ns
tR
Rise time for both SDA and SDL
1000
ns
tF
Fall time for both SDA and SDL
300
ns
tSUSTO
Set-up time for STOP condition
4
μs
tBUF
Bus free time between START and STOP
4.7
μs
CB
Capacitive load for each bus line
400
pF
VNL
Noise margin at low level (including hysteresis)
0.1 × VIO
V
VNH
Noise margin at high level (including hysteresis)
0.2 × VIO
V
HOST INTERFACE: I2C FAST MODE(1)
fSCL
SCL clock frequency
0
400
kHz
tHDSTA
Hold time repeated START condition
0.6
μs
tLOW
Low period of SCL clock
1.3
μs
tHIGH
High period of SCL clock
0.6
μs
tSUSTA
Set-up time repeated START condition
0.6
μs
tHDDAT
Data hold time
0(2)
0.9(3)
μs
tSUDAT
Data set-up time
100(4)
ns
tR
Rise time for both SDA and SDL
20 + 0.2CB
(5)
300
ns
tF
Fall time for both SDA and SDL
20 + 0.2CB
(5)
300
ns
tSUSTO
Set-up time for STOP condition
0.6
μs
tBUF
Bus free time between START and STOP
1.3
μs
tSP
Spike pulse duration suppressed by input filter
0
50
ns
CB
Capacitive load for each bus Line
400
pF
VNL
Noise margin at low level (including hysteresis)
0.1 × VIO
V
VNH
Noise margin at high level (including hysteresis)
0.2 × VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com