Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192 Datasheet(PDF) 45 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 41Page - Texas Instruments DIX4192 Datasheet HTML 42Page - Texas Instruments DIX4192 Datasheet HTML 43Page - Texas Instruments DIX4192 Datasheet HTML 44Page - Texas Instruments DIX4192 Datasheet HTML 45Page - Texas Instruments DIX4192 Datasheet HTML 46Page - Texas Instruments DIX4192 Datasheet HTML 47Page - Texas Instruments DIX4192 Datasheet HTML 48Page - Texas Instruments DIX4192 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
45
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.5.2.2 Registers 29 through 2C: IEC61937 PC/PD Burst Preamble
The PC and PD burst preambles are part of the IEC61937 standard for transmission of data reduced, non-PCM
audio over a standard two-channel interface (IEC60958). Examples of data-reduced formats include Dolby AC-3,
DTS, various flavors of MPEG audio (including AAC), and Sony ATRAC. The PA and PB preambles provide
synchronization data, and are fixed values of 0xF872 and 0x4E1F, respectively. The PC preamble indicates the
type of data being carried by the interface and the PD preamble indicates the length of the burst, given as
number of bits.
Registers 0x29 through 0x2C contain the PC and PD preambles as decoded by the DIR block.
Figure 64. Register 29: Burst Preamble PC High-Byte Status Register (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
PC15
PC14
PC13
PC12
PC11
PC10
PC09
PC08
Figure 65. Register 2A: Burst Preamble PC Low-Byte Status Register (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
PC07
PC06
PC05
PC04
PC03
PC02
PC01
PC00
Table 33. Register 2A: Burst Preamble PC Low-Byte Status Register (Read-Only) Field Descriptions
PC[4:0], Hex
Data Type
00
Null
01
Dolby AC-3
02
Reserved
03
Pause
04
MPEG-1 layer 1
05
MPEG-1 layer 2 or 3, or MPEG-2 without extension
06
MPEG-2 Data with extension
07
MPEG-2 AAC ADTS
08
MPEG-2 layer 1 low sample rate
09
MPEG-2 layer 2 or 3 low sample rate
0A
Reserved
0B
DTS type 1
0C
DTS type 2
0D
DTS type 3
0E
ATRAC
0F
ATRAC2/3
10-1F
Reserved
Bits PC[6:5] are both set to 0.
Bit PC[7] is an Error Flag, where: 0 = A valid burst-payload; 1 = Burst-payload may contain errors.
Bits PC[12:8] are data-type dependent.
Bits PC[15:13] indicate the stream number, which is set to 0.
Figure 66. Register 2B: Burst Preamble PD High-Byte Status Register (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
PD15
PD14
PD13
PD12
PD11
PD10
PD09
PD08
Figure 67. Register 2C: Burst Preamble PD Low-Byte Status Register (Read-Only)
7 (MSB)
6
5
4
3
2
1
0 (LSB)
PD07
PD06
PD05
PD04
PD03
PD02
PD01
PD00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com