Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPH28D11FNP-R56N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPH28D11FNP-R56N
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH28D11FNP-R56N Datasheet(HTML) 2 Page - Sumida Corporation

  CDPH28D11FNP-R56N Datasheet HTML 1Page - Sumida Corporation CDPH28D11FNP-R56N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDPH28D11F
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDPH Series>
◆
Specification
Part Name
※
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
Saturation
Current
Max.(Typ.)
(A) ※1
Temperature
Rise Current
Max.(Typ.)
(A) ※2
CDPH28D11FNP-R56N□
A
0.56±30%
41 (33)
2.45(3.27)
2.62(3.00)
CDPH28D11FNP-1R2M□
B
1.2±20%
73 (58)
1.78(2.37)
1.83(2.08)
CDPH28D11FNP-1R5M□
C
1.5±20%
86 (69)
1.59(2.12)
1.74(1.98)
CDPH28D11FNP-2R2M□
D
2.2±20%
96 (77)
1.31(1.75)
1.72(1.94)
CDPH28D11FNP-2R7M□
E
2.7±20%
116 (93)
1.22(1.63)
1.49(1.69)
CDPH28D11FNP-3R3M□
F
3.3±20%
128 (102)
1.14(1.52)
1.42(1.58)
CDPH28D11FNP-3R9M□
G
3.9±20%
144 (115)
1.03(1.37)
1.34(1.53)
CDPH28D11FNP-4R7M□
H
4.7±20%
184 (147)
0.95(1.27)
1.18(1.32)
CDPH28D11FNP-6R8M□
I
6.8±20%
300 (240)
0.83(1.10)
0.89(1.00)
CDPH28D11FNP-100M□
J
10.0±20%
408 (326)
0.65(0.87)
0.76(0.86)
CDPH28D11FNP-120M□
K
12.0±20%
453 (362)
0.59(0.79)
0.73(0.83)
※
Description of part name
CDPH28D11FNP-1R5M□
※
1.Saturation current: The DC current at which the inductance decreases by 30% from its nominal value .
(Ta=20℃)
※
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃ (Ta=20℃) .
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com