Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA253A2IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA253A2IPWR
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPWR Datasheet(HTML) 4 Page - Texas Instruments

  INA253A2IPWR Datasheet HTML 1Page - Texas Instruments INA253A2IPWR Datasheet HTML 2Page - Texas Instruments INA253A2IPWR Datasheet HTML 3Page - Texas Instruments INA253A2IPWR Datasheet HTML 4Page - Texas Instruments INA253A2IPWR Datasheet HTML 5Page - Texas Instruments INA253A2IPWR Datasheet HTML 6Page - Texas Instruments INA253A2IPWR Datasheet HTML 7Page - Texas Instruments INA253A2IPWR Datasheet HTML 8Page - Texas Instruments INA253A2IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
6
V
Shunt input current (ISENSE)
Continuous
±15
A
Analog inputs (IS+, IS–)
Common-mode
GND – 6
90
V
Analog inputs (VIN+,VIN–)
Differential (VIN+) – (VIN–)
–80
80
V
Common-mode
GND – 6
90
Analog inputs (REF1, REF2, NC)
GND – 0.3
VS + 0.3
V
Analog outputs (SH+, SH–)
Common-mode
GND – 6
90
V
Analog output (OUT)
GND – 0.3
VS + 0.3
V
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–4
80
V
VS
Operating supply voltage
2.7
5.5
V
TA
Operating free-air temperature
–40
125
℃
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
INA253
UNIT
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
110.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.1
°C/W
RθJB
Junction-to-board thermal resistance
87.5
°C/W
ψJT
Junction-to-top characterization parameter
114.1
°C/W
ψJB
Junction-to-board characterization parameter
87.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com