Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA12X-HT Datasheet(PDF) 20 Page - Texas Instruments

Part # INA12X-HT
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA12X-HT Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA12X-HT Datasheet HTML 16Page - Texas Instruments INA12X-HT Datasheet HTML 17Page - Texas Instruments INA12X-HT Datasheet HTML 18Page - Texas Instruments INA12X-HT Datasheet HTML 19Page - Texas Instruments INA12X-HT Datasheet HTML 20Page - Texas Instruments INA12X-HT Datasheet HTML 21Page - Texas Instruments INA12X-HT Datasheet HTML 22Page - Texas Instruments INA12X-HT Datasheet HTML 23Page - Texas Instruments INA12X-HT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA129
V
O
Ref
R
R3
G
100Ω = Pt100 at 0°C
ISA
TYPE
MATERIAL
SEEBECK
COEFFICIENT
( V/°C)
m
R , R
1
2
E
J
K
T
+Chromel
-Constantan
+Iron
-Constantan
+Chromel
-Alumel
+Copper
-Constantan
58.5
50.2
39.4
38
66.5k
76.8k
97.6k
102k
W
W
W
W
INA129
R
G
V
O
OPA13 0
Ref
R
1
1MW
=
1
2pR C
1
1
= 1.59 Hz
V
IN
+
f-3dB
C1
0.1 F
m
-
300W
+5V
R
G
INA129
V
O
Ref
2.5V
∆V
2.5V + ∆V
-
INA128-HT, INA129-HT
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
www.ti.com
10 Power Supply Recommendations
The minimum power supply voltage for INA12x is ±2.25 V and the maximum power supply voltage is ±18 V. This
minimum and maximum range covers a wide range of power supplies; but for optimum performance, ±15 V is
recommended. TI recommends adding a bypass capacitor at the input to compensate for the layout and power
supply source impedance.
10.1 Low Voltage Operation
The INA128-HT and INA129-HT can be operated on power supplies as low as ±2.25 V. Performance remains
excellent with power supplies ranging from ±2.25 V to ±18 V. Most parameters vary only slightly throughout this
supply voltage range.
Operation at very low supply voltage requires careful attention to assure that the input voltages remain within
their linear range. Voltage swing requirements of internal nodes limit the input common-mode range with low
power supply voltage. Figure 6 and Figure 7 show the range of linear operation for ±15 V, ±5 V, and ±2.5 V
supplies.
(1)
OPA130 is not tested or characterized at 210°C.
Figure 27. Bridge Amplifier
Figure 28. AC-Coupled Instrumentation Amplifier
(1)
REF102 is not tested or characterized at 210°C.
Figure 29. Thermocouple Amplifier With RTD Cold-Junction Compensation
20
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com