Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM86CIM/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM86CIM/NOPB
Description  ±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM86CIM/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM86CIM/NOPB Datasheet HTML 22Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 23Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 24Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 25Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 26Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 27Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 28Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 29Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
DATA SHEET REVISION HISTORY
Date
Revision
4/2003
1.
Added improved guaranteed Temperature Error specification for the Remote Diode Readings of ±0.75ºC to page 1
and Electrical Characteristics.
2.
in DIE REVISION CODE REGISTER changed "21h" to "11hexadecimal or 17 decimal"
3.
Changed numbering of "Applications Hints" from "4." to "3."
4.
Added "Data Sheet Revision History" section.
3/2013
Changed layout of National Data Sheet to TI format
26
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com