Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC104NP-R56M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMC104NP-R56M
Description  POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC104NP-R56M Datasheet(HTML) 1 Page - Sumida Corporation

  CDMC104NP-R56M Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <SMD Type: CDMC Series>
Type: CDMC104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
3.8
6.0
3.8
◆
Product Description
・
11.5×10.2mm Max. (L×W), 4.0mm Max. height
・
Inductance range: 0.36~0.56μH
・
Rated Current Range: 21.0~25.0A
◆
Feature
・
Magnetically shielded construction.
・
Metal Powder Molded Type,Super high current inductors.
・
High Current Inductor for Server, Notebook PC ,CPU, etc, as DC-DC Converter inductors.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Specification
Saturation
Current(A)※1
Part Name
Stamp
Inductance
(μ
H)
[
Within]
1MHz/1V
D.C.R.(mΩ)
[
Within]
(at 20℃)
(at 20℃) (at 125℃)
Temperature
rise current
(A)※2
CDMC1Ø4NP-R36M
R36M
0.36±20%
1.10±10%
28.0
27.0
25.0
CDMC1Ø4NP-R56M
R56M
0.56±20%
1.48±10%
22.0
21.0
21.0
※
1
Saturation current: The DC current at which the inductance decreases to 80% of it’s initial
value.
※
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.
(Ta=20℃).
Electrode


Similar Part No. - CDMC104NP-R56M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
131Kb / 2P
SMD Power Inductor
More results

Similar Description - CDMC104NP-R56M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com