Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC8D28NP-R68M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMC8D28NP-R68M
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC8D28NP-R68M Datasheet(HTML) 2 Page - Sumida Corporation

  CDMC8D28NP-R68M Datasheet HTML 1Page - Sumida Corporation CDMC8D28NP-R68M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDMC Series>
Type: CDMC8D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part Name
※
Stamp
Inductance
(μH)
at 1MHz
D.C.R. (mΩ)
Max. [Typ.]
(at 20℃)
Saturation
Current (A)
Max. (Typ.)
(
at 20℃)※1
Temperature
Rise Current
(A)※2
CDMC8D28NP-R18M□
R18
0.18±20%
1.6(1.28)
28.7(35.9)
25.8
CDMC8D28NP-R39M□
R39
0.39±20%
2.5(2.08)
19.8(24.7)
19.9
CDMC8D28NP-R68M□
R68
0.68±20%
4.2(3.50)
16.0(20.0)
15.4
CDMC8D28NP-1R2M□
1R2
1.2±20%
6.6(5.50)
12.2(15.3)
12.9
CDMC8D28NP-1R8M□
1R8
1.8±20%
11.9(9.90)
9.4(11.8)
9.3
CDMC8D28NP-2R2M□
2R2
2.2±20%
15.7(13.1)
8.8(11.0)
8.1
CDMC8D28NP-3R3M□
3R3
3.3±20%
20.0(16.7)
7.0(8.8)
7.3
CDMC8D28NP-3R9M□
3R9
3.9±20%
22.7(18.9)
6.4(8.0)
7.1
※
Description of part name
CDMC8D28NP- R18M□
※
1. Saturation current: The DC current at which the inductance decreases by 20% from its initial value.
※
2. The temperature rise current: The DC current at which the temperature rise is △T=40℃
(Ta=20℃).
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com