Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA41 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA41
Description  40A TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA41 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA41 Datasheet HTML 1Page - STMicroelectronics BTA41 Datasheet HTML 2Page - STMicroelectronics BTA41 Datasheet HTML 3Page - STMicroelectronics BTA41 Datasheet HTML 4Page - STMicroelectronics BTA41 Datasheet HTML 5Page - STMicroelectronics BTA41 Datasheet HTML 6Page - STMicroelectronics BTA41 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
Available in high power packages, the BTA/
BTB40-41 series is suitable for general purpose
AC switching. They can be used as an ON/OFF
function in applications such as static relays, heat-
ing regulation, induction motor starting circuits... or
for phase control operation in light dimmers, motor
speed controllers, ...
Thanks to their clip assembly technique, they
provide a superior performance in surge current
handling capabilities.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
40
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
50
mA
BTA40, BTA41 and BTB41 Series
40A TRIACS
REV. 7
October 2005
STANDARD
Table 2: Order Codes
Part Number
Marking
BTA40-xxxB
See table 8 on page 6
BTA41-xxxBRG
BTB41-xxxBRG
G
A2
A1
G
A2
A2
A1
TOP3 Insulated
(BTA41)
TOP3
(BTB41)
A2
A1
G
RD91
(BTA40)
G
A2
A1


Similar Part No. - BTA41

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTA41 SIRECTIFIER-BTA41 Datasheet
163Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA41 SIRECT-BTA41 Datasheet
306Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA41 STMICROELECTRONICS-BTA41 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Continental Device Indi...
BTA41 CDIL-BTA41 Datasheet
75Kb / 2P
Triac Series
logo
Inchange Semiconductor ...
BTA41 ISC-BTA41 Datasheet
119Kb / 1P
isc Triacs
More results

Similar Description - BTA41

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
40A TRIACS
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
40A TRIACS
logo
Kersemi Electronic Co.,...
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
40A TRIACS
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
40A TRIACS
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
40A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST41 JIEJIE-JST41 Datasheet
503Kb / 6P
40A TRIACs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com