Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH113 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH113
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH113 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH113 Datasheet HTML 1Page - Sumida Corporation CDH113 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH113
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
◆
Specification
Part Name
※
Stamp
Inductance
[
Within]
1 kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A) ※1
CDH113NP-1ØØM□
CDH113NP-12ØM□
100
120
10μH±20%
12μH±20%
47m(36m)
56m(43m)
2.00
1.80
CDH113NP-15ØM□
CDH113NP-18ØM□
150
180
15μH±20%
18μH±20%
72m(56m)
78m(60m)
1.55
1.45
CDH113NP-22ØM□
CDH113NP-27ØL□
220
270
22μH±20%
27μH±15%
98m(75m)
0.11(87m)
1.25
1.16
CDH113NP-33ØL□
CDH113NP-39ØL□
330
390
33μH±15%
39μH±15%
0.15(0.11)
0.17(0.13)
1.05
0.97
CDH113NP-47ØL□
CDH113NP-56ØK□
470
560
47μH±15%
56μH±10%
0.22(0.17)
0.24(0.19)
0.91
0.80
CDH113NP-68ØK□
CDH113NP-82ØK□
680
820
68μH±10%
82μH±10%
0.28(0.21)
0.38(0.29)
0.76
0.66
CDH113NP-1Ø1K□
CDH113NP-121K□
101
121
100μH±10%
120μH±10%
0.43(0.33)
0.49(0.38)
0.61
0.56
CDH113NP-151K□
CDH113NP-181K□
151
181
150μH±10%
180μH±10%
0.61(0.47)
0.75(0.58)
0.49
0.45
CDH113NP-221K□
CDH113NP-271K□
221
271
220μH±10%
270μH±10%
0.90(0.69)
1.13(0.87)
0.43
0.37
CDH113NP-331K□
CDH113NP-391K□
331
391
330μH±10%
390μH±10%
1.28(1.02)
1.60(1.28)
0.34
0.31
CDH113NP-471K□
471
470μH±10%
1.88(1.50)
0.29
※
Description of part name
CDH113NP-1ØØM□
※
1 Rated current: The DC current at which the inductance decreases to 90% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com