Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH40D11SMBNP-R74M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH40D11SMBNP-R74M
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH40D11SMBNP-R74M Datasheet(HTML) 1 Page - Sumida Corporation

  CDH40D11SMBNP-R74M Datasheet HTML 1Page - Sumida Corporation CDH40D11SMBNP-R74M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductors <SMD Type: CDH Series>
Type: CDH40D11/SMB
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆
Product Description
・
4.2×4.2mm Max.(L×W), 1.2mm Max. Height.
・
Inductance range: 0.74~33μH.
・
Rated current range: 0.36~2.65A.
・
Custom design is available.
◆
Feature
・
Magnetically shielded construction.
・
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors.
・
Dropping impact reinforced types.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)


Similar Part No. - CDH40D11SMBNP-R74M

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CDH45 PREMO-CDH45 Datasheet
146Kb / 11P
SMD Power Inductors Unshielded
CDH45-100M PREMO-CDH45-100M Datasheet
146Kb / 11P
SMD Power Inductors Unshielded
CDH45-101K PREMO-CDH45-101K Datasheet
146Kb / 11P
SMD Power Inductors Unshielded
CDH45-102K PREMO-CDH45-102K Datasheet
146Kb / 11P
SMD Power Inductors Unshielded
CDH45-120M PREMO-CDH45-120M Datasheet
146Kb / 11P
SMD Power Inductors Unshielded
More results

Similar Description - CDH40D11SMBNP-R74M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com