Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB41 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB41
Description  40A TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB41 Datasheet(HTML) 5 Page - STMicroelectronics

  BTB41 Datasheet HTML 1Page - STMicroelectronics BTB41 Datasheet HTML 2Page - STMicroelectronics BTB41 Datasheet HTML 3Page - STMicroelectronics BTB41 Datasheet HTML 4Page - STMicroelectronics BTB41 Datasheet HTML 5Page - STMicroelectronics BTB41 Datasheet HTML 6Page - STMicroelectronics BTB41 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTA40, BTA41 and BTB41 Series
5/7
Figure 10: Ordering Information Scheme
Table 7: Product Selector
Figure 11: TOP3 (Insulated and non insulated) Package Mechanical Data
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA40-xxxB
X
X
50 mA
Standard
RD91
BTA41-xxxBRG
X
X
50 mA
Standard
TOP3 Ins.
BTB41-xxxBRG
X
X
50 mA
Standard
TOP3
BTB: non insulated TOP3 package
BT A 40 - 600 B RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
40 = 40A in RD91
41 = 40A in TOP3
600 = 600V
800 = 800V
B = 50mA Standard
RG = Tube
Blank = Bulk
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com