Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH38D11SLDNP-R72M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH38D11SLDNP-R72M
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D11SLDNP-R72M Datasheet(HTML) 1 Page - Sumida Corporation

  CDH38D11SLDNP-R72M Datasheet HTML 1Page - Sumida Corporation CDH38D11SLDNP-R72M Datasheet HTML 2Page - Sumida Corporation CDH38D11SLDNP-R72M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D11/SLD, CDH38D11/S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
3.8±0.2
1.1±0.1
1.2
1.3
1.8
1.0
2
1
2
1
◆
Product Description
・
4.0×4.0mm Max.(L×W), 1.2mm Max. Height.
・
Both Low DCR type CDH38D11/SLD and Standard type CDH38D11/S are available.
・
Inductance range: 0.72~33μH(CDH38D11/SLD), 0.68~39μH(CDH38D11/S)
・
Rated current range: 0.36~2.4A(CDH38D11/SLD), 0.40~3.5A (CDH38D11/S)
・
In addition to the High power versions of inductors shown here, custom inductors are
available to meet your exact requirements.
◆
Feature
・
Magnetically unshielded construction.
・
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,etc as DC-DC Converter inductors.
・
Strong resistance against drop shock.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)


Similar Part No. - CDH38D11SLDNP-R72M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D11SLDNP-R72MC SUMIDA-CDH38D11SLDNP-R72MC Datasheet
231Kb / 5P
SMD Power Inductor
More results

Similar Description - CDH38D11SLDNP-R72M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com