Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB702 Datasheet(PDF) 1 Page - Pro-Signal

Part # SB702
Description  Data Switch HD DB15 2 PS2, 2 Way
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SB702 Datasheet(HTML) 1 Page - Pro-Signal

  SB702 Datasheet HTML 1Page - Pro-Signal SB702 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/01/13
Data Switch
HD DB15 + 2 PS2, 2 Way
Specifications :
Computer Switch Type
: Data
Computer Switch Function
: Manual
Input Connection
: DB15 Female
Output Connection
: PS/2
No. of Ways
: 2
No.
Description
Qty
1
HD15 Female, Gold Flash on Contacts, Blue Insulator
3
2
Mini DIN6 Female, Gold Flash on contacts, Black Insulator
6
3
Hex-Nut 4.75mm × 13mm, Screw Cap 4.75mm × 1.5mm
6 Set
4
Hex-Nut with Screw Cap 3mm × 6mm
12 Set
5
Knob for A, B, Switch
1
Screw 4mm × 12.5mm With Pad
1 Set
Main Heart 4-28-2
1
26AWG Insulator, Length 150mm
89
6
Metal case, Thickness 0.8mm
1 Set
7
Screw 3 × 6 PWB
4
8
Plasto-Visco- Elastic Body
4
Dimensions : Millimetres


Similar Part No. - SB702

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SB70 PHILIPS-SB70 Datasheet
59Kb / 8P
Schottky barrier diode
1998 Jul 16
SB70 NXP-SB70 Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
ABC Taiwan Electronics ...
SB7030100ML ABC-SB7030100ML Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7030101KL ABC-SB7030101KL Datasheet
2Mb / 7P
SMD POWER INDUCTOR
SB7030102KL ABC-SB7030102KL Datasheet
2Mb / 7P
SMD POWER INDUCTOR
More results

Similar Description - SB702

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2PP326 CYPRESS-CY2PP326 Datasheet
305Kb / 9P
2 x 2 Clock and Data Switch Buffer
logo
Tripp Lite. All Rights ...
B022002KTR TRIPPLITE-B022002KTR Datasheet
476Kb / 2P
2-Port Desktop KVM Switch w- 2 KVM Cable Kits (PS2)
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Tripp Lite. All Rights ...
B022-002-KT-R TRIPPLITE-B022-002-KT-R Datasheet
155Kb / 3P
2-Port Desktop KVM Switch with 2 KVM Cable Kits (PS2)
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com