Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2733XMF/NOPB
Description  LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2733XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2733XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
LM2733
SNVS209G – NOVEMBER 2002 – REVISED MAY 2019
www.ti.com
Product Folder Links: LM2733
Submit Documentation Feedback
Copyright © 2002–2019, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input supply voltage (VIN)
2.7
14
V
SHDN pin voltage
0
VIN
V
Junction temperature
−40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal MetricsSPRA953
application report.
6.4 Thermal Information
THERMAL METRIC(1)
LM2733
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
210
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
122
°C/W
RθJB
Junction-to-board thermal resistance
38.4
°C/W
ψJT
Junction-to-top characterization parameter
12.8
°C/W
ψJB
Junction-to-board characterization parameter
37.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
Limits are specified by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
Switch current limit is dependent on duty cycle (see Typical Characteristics). Limits shown are for duty cycles
≤ 50%.
6.5 Electrical Characteristics
Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0 A, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VIN
Input voltage
−40°C ≤ TJ ≤ +125°C
2.7
14
V
ISW
Switch current limit
See(3)
1
1.5
A
RDS(ON)
Switch ON resistance
ISW = 100 mA
500
650
m
Ω
SHDNTH
Shutdown threshold
Device ON,
−40°C ≤ TJ ≤ +125°C
1.5
V
Device OFF,
−40°C ≤ TJ ≤
+125°C
0.50
ISHDN
Shutdown pin bias current
VSHDN = 0
0
µA
VSHDN = 5 V
0
VSHDN = 5 V, −40°C ≤ TJ ≤
+125°C
2
VFB
Feedback pin reference voltage
VIN = 3 V
1.230
V
VIN = 3 V, −40°C ≤ TJ ≤ +125°C
1.205
1.255
IFB
Feedback pin bias current
VFB = 1.23 V
60
nA
IQ
Quiescent current
VSHDN = 5 V, Switching "X"
2.1
mA
VSHDN = 5 V, Switching "X",
−40°C ≤ TJ ≤ +125°C
3
VSHDN = 5 V, Switching "Y"
1.1
VSHDN = 5 V, Switching "Y",
−40°C ≤ TJ ≤ +125°C
2
VSHDN = 5 V, Not Switching
400
µA
VSHDN = 5 V, Not Switching,
−40°C ≤ TJ ≤ +125°C
500
VSHDN = 0
0.024
1
Δ VFBΔVIN
FB voltage line regulation
2.7 V
≤ VIN ≤ 14 V
0.02
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com