Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 9Page - Texas Instruments LM5035 Datasheet HTML 10Page - Texas Instruments LM5035 Datasheet HTML 11Page - Texas Instruments LM5035 Datasheet HTML 12Page - Texas Instruments LM5035 Datasheet HTML 13Page - Texas Instruments LM5035 Datasheet HTML 14Page - Texas Instruments LM5035 Datasheet HTML 15Page - Texas Instruments LM5035 Datasheet HTML 16Page - Texas Instruments LM5035 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
Feature Description (continued)
7.3.4 Reference
The REF pin is the output of a 5-V linear regulator that can be used to bias an optocoupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 20-mA (typical).
7.3.5 Cycle-by-Cycle Current Limit
The CS pin is driven by a signal representative of the transformer primary current. If the voltage sensed at CS
pin exceeds 0.25 V, the current sense comparator terminates the HO or LO output driver pulse. If the high-
current condition persists, the controller operates in a cycle-by-cycle current-limit mode with duty cycle
determined by the current sense comparator instead of the PWM comparator. Cycle-by-cycle current limiting may
trigger the hiccup mode restart cycle, depending on the configuration of the RES pin (see the Overload
Protection Timer section).
TI recommends placing a small R-C filter connected to the CS pin and located near the controller to suppress
noise. An internal 32-
Ω MOSFET connected to the CS input discharges the external current sense filter capacitor
at the conclusion of every cycle. The discharge MOSFET remains on for an additional 50 ns after the HO or LO
driver switches high to blank leading edge transients in the current sensing circuit. Discharging the CS pin filter
each cycle and blanking leading edge spikes reduces the filtering requirements and improves the current sense
response time.
The current sense comparator is very fast and responds to short duration noise pulses. Layout considerations
are critical for the current sense filter and sense resistor. The capacitor associated with the CS filter must be
placed very close to the device and must be connected directly to the CS and AGND pins. If a current sense
transformer is used, both leads of the transformer secondary must be routed to the filter network, which must be
located close to the IC. If a sense resistor located in the source of the main MOSFET switch is used for current
sensing, a low-inductance type of resistor is required. When designing with a current sense resistor, all of the
noise sensitive low-power ground connections must be connected together near the AGND pin, and a single
connection must be made to the power ground (sense resistor ground point).
7.3.6 Overload Protection Timer
The LM5035 provides a current-limit restart timer (see Figure 11) to disable the outputs and force a delayed
restart (hiccup mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current-limit
events required to trigger the restart is programmable by the external capacitor at the RES pin. During each
PWM cycle, the LM5035 either sources or sinks current from the RES pin capacitor. If no current limit is detected
during a cycle, an 12-µA discharge current sink is enabled to pull the RES pin to ground. If a current limit is
detected, the 12-µA sink current is disabled and a 22-µA current source causes the voltage at the RES pin to
gradually increase. The LM5035 protects the converter with cycle-by-cycle current limiting while the voltage at
RES pin increases. If the RES voltage reaches the 2.5-V threshold, the following restart sequence occurs (also
see Figure 11):
1. The RES capacitor and SS capacitors are fully discharged.
2. The soft-start current source is reduced from 55 µA to 1 µA.
3. The SS capacitor voltage slowly increases. When the SS voltage reaches
≊1 V, the PWM comparator will
produce the first narrow output pulse. After the first pulse occurs, the SS source current reverts to the normal
55-µA level. The SS voltage increases at its normal rate, gradually increasing the duty cycle of the output
drivers.
4. If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence.
5. If the overload condition no longer exists after restart, the RES pin will be held at ground by the 12-µA
current sink and normal operation resumes.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com