Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR910 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR910
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR910 Datasheet(HTML) 2 Page - Sumida Corporation

  CDR910 Datasheet HTML 1Page - Sumida Corporation CDR910 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR910
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part Name
※
Stamp
Inductance
[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation Current
Max.(Typ.)
(A)※1
Temperature
rise current
Max.(Typ.)
(A)※2
CDR910NP-100M□
100
10uH±20%
24 (20)
6.88(8.60)
4.80 (5.50)
CDR910NP-150M□
150
15uH±20%
29 (24)
5.76(7.20)
4.30 (4.90)
CDR910NP-180M□
180
18uH±20%
32 (26)
5.29 (6.62)
4.00 (4.60)
CDR910NP-220M□
220
22uH±20%
45 (36)
4.72 (5.90)
3.40 (3.90)
CDR910NP-330M□
330
33uH±20%
65 (54)
3.76 (4.70)
2.60 (3.00)
CDR910NP-470M□
470
47uH±20%
85 (68)
3.20 (4.00)
2.42 (2.78)
CDR910NP-680M□
680
68uH±20%
125 (100)
2.68 (3.35)
1.90 (2.20)
CDR910NP-101M□
101
100uH±20%
190 (155)
2.18 (2.72)
1.50 (1.72)
CDR910NP-151M□
151
150uH±20%
280 (230)
1.76 (2.20)
1.20 (1.38)
CDR910NP-221M□
221
220uH±20%
360 (300)
1.46 (1.83)
1.10 (1.25)
CDR910NP-331M□
331
330uH±20%
565 (470)
1.20 (1.50)
0.85 (0.96)
CDR910NP-471M□
471
470uH±20%
820 (670)
1.00 (1.25)
0.71 (0.81)
CDR910NP-681M□
681
680uH±20%
1260 (1050)
0.84 (1.05)
0.54 (0.62)
CDR910NP-102M□
102
1000uH±20%
1850 (1522)
0.68 (0.85)
0.44 (0.50)
※ Description of part name
CDR910NP-100M□
※1.Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
(Ta=20℃)
※2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B
Box
C
Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com