Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MAX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV2011MAX/NOPB
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MAX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV2011MAX/NOPB Datasheet HTML 3Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 4Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 5Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 6Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 9Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 10Page - Texas Instruments LMV2011MAX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
10
100
1k
100k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
VS = 5V
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
RL = 1M
CL = < 20pF
VS = 2.7V OR 5V
VS = 5V
VS = 5V
VS = 2.7V
PHASE
GAIN
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
RL = 10k:
70°C
25°C
0°C
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
RL = 2k:
70°C
25°C
0°C
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
RL = 10k:
70°C
25°C
0°C
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
RL = 2k:
70°C
25°C
0°C
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA=25C, VS= 5V unless otherwise specified.
Max Output Swing vs. Supply Voltage
Max Output Swing vs. Supply Voltage
Figure 15.
Figure 16.
Min Output Swing vs. Supply Voltage
Min Output Swing vs. Supply Voltage
Figure 17.
Figure 18.
CMRR vs. Frequency
Open Loop Gain and Phase vs. Supply Voltage
Figure 19.
Figure 20.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com