Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43096 Datasheet(PDF) 8 Page - Wiha Tools

Part # 43096
Description  WORK IN A PERFECTLY PROTECTED WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

43096 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 43096 Datasheet HTML 4Page - Wiha Tools 43096 Datasheet HTML 5Page - Wiha Tools 43096 Datasheet HTML 6Page - Wiha Tools 43096 Datasheet HTML 7Page - Wiha Tools 43096 Datasheet HTML 8Page - Wiha Tools 43096 Datasheet HTML 9Page - Wiha Tools 43096 Datasheet HTML 10Page - Wiha Tools 43096 Datasheet HTML 11Page - Wiha Tools 43096 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Workshop trolley set eMobility
Order-No.
Image
Article
Article-No.
Drawer 1
—
E-Screwdriver speedE® handlered/yellow welded
41914
Battery set 18500 Li-Ion (2 units in box)
599001
26626
Torque Screwdriver TorqueVario®-S electric 0,8–5,0Nm
(incl. Adjusting tool and slimBit holder electric)
28723500
41927
Screwdriver SoftFinish® electric slimVario®
283103
41229
Screwdriver SoftFinish® electric slimVario® Stubby
283101
34578
slimBit electric slotted 2,5
283110025
34579
slimBit electric slotted 3,0
283110030
41159
slimBit electric slotted 3,5
283110035
34580
slimBit electric slotted 4,0
283110040
34581
slimBit electric slotted 5,5
283110055
34582
slimBit electric slotted 6,5
283110065
34583
slimBit electric Phillips PH1
2831111
34584
slimBit electric Phillips PH2
283 1112
34585
slimBit electric Pozidriv PZ1
2831121
34586
slimBit electric Pozidriv PZ2
2831122
35506
slimBit electric Torx® T8
283115008
35507
slimBit electric Torx® T10
283115010
35508
slimBit electric Torx® T15
283115015
35509
slimBit electric Torx® T20
283115020
36071
slimBit electric Torx® T25
283115025
37224
slimBit electric hexagon 2,5
283118025
37147
slimBit electric hexagon 3
283118030
37225
slimBit electric hexagon 4
283118040
37226
slimBit electric hexagon 5
283118050
37227
slimBit electric hexagon 6
283118060
43059
1/4" Insulated extension bar 75mm
246197
43060
1/4" Insulated extension bar 150mm
246198
43139
1/4" Nut adapter slimVario® electric
SB283108
43292
1/4" Adapter for TorqueVario®-S T
SB283107
43128
1/4" Adapter TorqueVario®-S electric
287992
43088
1/4" Insulated Nut Driver Insert International Hexagon 4×42mm
246223
43089
1/4" Insulated Nut Driver Insert International Hexagon 5×42mm
246224
43090
1/4" Insulated Nut Driver Insert International Hexagon 5.5×42mm
246225
43091
1/4" Insulated Nut Driver Insert International Hexagon 6×42mm
246226
43092
1/4" Insulated Nut Driver Insert International Hexagon 7×42mm
246227
43093
1/4" Insulated Nut Driver Insert International Hexagon 8×42mm
246228
43094
1/4" Insulated Nut Driver Insert International Hexagon 9×42mm
246229
43095
1/4" Insulated Nut Driver Insert International Hexagon 10×42mm
246230
43109
1/4" Insulated Nut Driver Insert International Hexagon 3×65mm
246244
43110
1/4" Insulated Nut Driver Insert International Hexagon 4×65mm
246245
43111
1/4" Insulated Nut Driver Insert International Hexagon 5×65mm
246246
43112
1/4" Insulated Nut Driver Insert International Hexagon 6×65mm
246247
43113
1/4" Insulated Nut Driver Insert International Hexagon 8×65mm
246248
38798
Insulated Cable Stripping Knife 200 mm
24680SB
41286
Flashlight with LED, Laser, UV, magnetic base, swivel head
SB24670
Drawer 2
44163
3/8" Insulated Torque Wrench, 5–25Nm, 290mm
246267
44355
Insulated Adapter from 3/8" to 1/4"
283191
43057
3/8" Insulated Extension Bar 125mm
246195
43058
3/8" Insulated Extension Bar 250mm
246196
43067
3/8" Insulated Nut Driver 11×44mm
246202
43068
3/8" Insulated Nut Driver 12×44mm
246203
43069
3/8" Insulated Nut Driver 13×44mm
246204
43070
3/8" Insulated Nut Driver 14×44mm
246205
43071
3/8" Insulated Nut Driver 16×44mm
246206
43072
3/8" Insulated Nut Driver 17×44mm
246207
43073
3/8" Insulated Nut Driver 18×44mm
246208
43074
3/8" Insulated Nut Driver 19×44mm
246209
43075
3/8" Insulated Nut Driver 21×44mm
246210
43076
3/8" Insulated Nut Driver 22×44mm
246211
44146
3/8" Deep Nut Driver 8×80mm
246264
44147
3/8" Deep Nut Driver 10×80mm
246265
44148
3/8" Deep Nut Driver 12×80mm
246266
43177
Torque T-handle TorqueVario®-S T electric 5–14Nm
with adjusting tool
293311500
43634
1/4" Insulated Adapter
2837992
38931
Interchangeable electric blade TORX® T15×132mm
283795015
38932
Interchangeable electric blade TORX® T20×132mm
283795020
38933
Interchangeable electric blade TORX® T25×132mm
283795025
38934
Interchangeable electric blade TORX® T27×132mm
283795027
Order-No.
Image
Article
Article-No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com