Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2902M/NOPB
Description  LP324-N/LP2902-N Micropower Quad Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2902M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP2902M/NOPB Datasheet HTML 1Page - Texas Instruments LP2902M/NOPB Datasheet HTML 2Page - Texas Instruments LP2902M/NOPB Datasheet HTML 3Page - Texas Instruments LP2902M/NOPB Datasheet HTML 4Page - Texas Instruments LP2902M/NOPB Datasheet HTML 5Page - Texas Instruments LP2902M/NOPB Datasheet HTML 6Page - Texas Instruments LP2902M/NOPB Datasheet HTML 7Page - Texas Instruments LP2902M/NOPB Datasheet HTML 8Page - Texas Instruments LP2902M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LP2902-N, LP324-N
www.ti.com
SNOSBX6C – SEPTEMBER 1999 – REVISED MARCH 2013
Operating Conditions
TJMAX
150°C
θJA
(1)
PW Package
154°C/W
NFF014A Package
90°C/W
D Package
140°C/W
Operating Temp. Range
See(2)
Storage Temp. Range
−65°C≤TJ≤ 150°C
Soldering Information
Wave Soldering(10sec)
260°C(lead temp.)
Convection or Infrared(20sec)
235°C
(1)
For operation at elevated temperatures, these devices must be derated based on a thermal resistance of
θJA and TJ max. TJ = TA +
θJAPD.
(2)
The LP2902-N may be operated from
−40°C ≤ TA ≤ +85°C, and the LP324-N may be operated from 0°C ≤ TA ≤ +70°C.
Electrical Characteristics
(1)
Symbol
Parameter
Conditions
LP2902-N(2)
LP324-N
Typ
Tested
Design
Typ
Tested
Design
Units
Limit(3)
Limit(4)
Limit(3)
Limit(4)
Limits
VOS
Input Offset
2
4
10
2
4
9
mV
Voltage
(Max)
IB
Input Bias Current
2
20
40
2
10
20
nA
(Max)
IOS
Input Offset Current
0.5
4
8
0.2
2
4
nA
(Max)
AVOL
Voltage Gain
RL = 10k to GND
70
40
30
100
50
40
V/mV
V+ = 30V
(Min)
CMRR
Common Mode Rej.
V+ = 30V, 0V
≤ VCM
90
80
75
90
80
75
dB
Ratio
VCM < V
+− 1.5
(Min)
PSRR
Power Supply Rej.
V+ = 5V to 30V
90
80
75
90
80
75
dB
Ratio
(Min)
IS
Supply Current
RL = ∞
85
150
250
85
150
250
μA
(Max)
VO
Output Voltage Swing
IL = 350μA to GND
3.6
3.4
V+
−1.9V
3.6
3.4
V+
−1.9V
V
VCM = 0V
(Min)
IL = 350μA to V
+
0.7
0.8
1.0
0.7
0.8
1.0
V
VCM = 0V
(Max)
IOUT
Output Source
VO = 3V
10
7
4
10
7
4
mA
Source
Current
VIN (diff) = 1V
(Min)
IOUT
Output Sink Current
VO = 1.5V
5
4
3
5
4
3
mA
Sink
VIN (diff) = 1V
(Min)
IOUT
Output Sink Current
VO = 1.5V
4
2
1
4
2
1
mA
Sink
VCM = 0V
(Min)
ISOURCE
Output Short to GND
VIN (diff) = 1V
20
25
35
20
25
35
mA
35
35
(Max)
ISINK
Output Short to V+
VIN (diff) = 1V
15
30
45
15
30
45
mA
(Max)
VOS Drift
10
10
μV/C°
IOS Drift
10
10
pA/C°
GBW
Gain Bandwidth
100
100
KHz
Product
SR
Slew Rate
50
50
V/mS
(1)
Boldface numbers apply at temperature extremes. All other numbers apply only at TA = TJ = 25°C, V
+ = 5V, V
cm = V/2, and RL =100k
connected to GND unless otherwise specified.
(2)
The LP2902-N operating supply range is 3V to 26V, and is not tested above 26V.
(3)
Specified and 100% production tested.
(4)
Specified (but not 100% production tested) over the operating supply voltage range (3.0V to 32V for the LP324-N, LP324-N, and 3.0V to
26V for the LP2902-N), and the common mode range (0V to V+
−1.5V), unless otherwise specified. These limits are not used to
calculate outgoing quality levels.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2902-N LP324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com