Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902MX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2902MX/NOPB
Description  LP324-N/LP2902-N Micropower Quad Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2902MX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP2902MX/NOPB Datasheet HTML 1Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 2Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 3Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 4Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 5Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 6Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 7Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 8Page - Texas Instruments LP2902MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LP2902-N, LP324-N
SNOSBX6C – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Simplified Schematic
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
LP324-N
32V or ± 16V
LP2902-N
26V or ± 13V
Differential Input Voltage
LP324-N
32V
LP2902-N
26V
Input Voltage(3)
LP324-N
−0.3V to 32V
LP2902-N
−0.3V to 26V
Output Short-Circuit to GND (One Amplifier)(4)
Continuous
V+
≤ 15V and TA = 25°C
ESD Susceptibility(5)
±500V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The input voltage is not allowed to go more than
−0.3V below V− (GND) as this will turn on a parasitic transistor causing large currents
to flow through the device.
(4)
Short circuits from the output to GND can cause excessive heating and eventual destruction. The maximum sourcing output current is
approximately 30 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 VDC, continuous short-circuit to
GND can exceed the power dissipation ratings (particularly at elevated temperatures) and cause eventual destruction. Destructive
dissipation can result from simultaneous shorts on all amplifiers.
(5)
The test circuit used consists of the human body model of 100 pF in series with 1500
Ω.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2902-N LP324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com