Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521TM/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Part # LP5521TM/NOPB
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 43Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 44Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 45Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 46Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 47Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 48Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 50Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
24X (0.4)
24X (0.25)
(
0.2) TYP
VIA
20X (0.5)
(4.4)
(3.4)
3X
(1.18)
(2.4)
(R0.05) TYP
(3.4)
2X
(0.86)
(0.95) TYP
WQFN - 0.8 mm max height
NJA0024A
PLASTIC QUAD FLATPACK - NO LEAD
4215212/A 04/2017
SYMM
1
7
8
12
13
19
20
24
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
25
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com