Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D16NP-R47N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH3D16NP-R47N
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D16NP-R47N Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH3D16NP-R47N Datasheet HTML 1Page - Sumida Corporation CDRH3D16NP-R47N Datasheet HTML 2Page - Sumida Corporation CDRH3D16NP-R47N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH3D16, CDRH3D16/HP, CDRH3D16/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
ELECTRODE
◆
Product Description
・
4.0×4.0mm Max.(L×W),1.80mm Max.Height.
・
Inductance range: 0.26~33μH (CDRH3D16), 1.7~33μH (CDRH3D16/HP),
3.3~47μH (CDRH3D16/LD).
・
Rated current range:0.32~3.6A(CDRH3D16),0.41~2.0A(CDRH3D16/HP),
0.21~0.8A (CDRH3D16/LD).
・
In addition to the standards versions shown here, custom inductors are also available to meet your exact
requirements.
◆
Feature
・
Magnetically shielded construction.
・
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,Portable DVD,etc as DC-DC Converter inductors.
・
RoHS Compliance.
◆
Dimensions (mm)
※
Not including terminal dimension
◆
Land Pattern (mm)
ELECTRODE
# (0.26μH~4.7μH)ARE MANAGED WITH
STANDARD MAX.5.4
※ 3.8± 0.2
MAX.1.8
MA
X.
1.
4
φ
2.
8±
0.
1
①
②


Similar Part No. - CDRH3D16NP-R47N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D16NP-R47NC SUMIDA-CDRH3D16NP-R47NC Datasheet
226Kb / 4P
SMD Power Inductor
More results

Similar Description - CDRH3D16NP-R47N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com