Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8550
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8550 Datasheet HTML 8Page - Texas Instruments LP8550 Datasheet HTML 9Page - Texas Instruments LP8550 Datasheet HTML 10Page - Texas Instruments LP8550 Datasheet HTML 11Page - Texas Instruments LP8550 Datasheet HTML 12Page - Texas Instruments LP8550 Datasheet HTML 13Page - Texas Instruments LP8550 Datasheet HTML 14Page - Texas Instruments LP8550 Datasheet HTML 15Page - Texas Instruments LP8550 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
BOOST
LED
DRIVERS
LOGIC
EEPROM
I
2
C /
INTERFACE
LDO
OSC
TSD
PWM
DETECTOR
SW
FB
VLDO
GND
GND_SW
GND_LED
EN
PWM
VDDIO
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
PLL
FAULT
VIN
TEMP
SENSOR
MCU
VIN
FILTER
VSYNC
VSYNC
ISET
FSET
RISET
RFSET
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Clock Generation
LP8550 has internal 5-MHz oscillator which is used for clocking the boost converter, state machine, PWM input
duty cycle measurement, internal timings such as slope time for output brightness changes.
Internal clock can be used for generating the PWM output frequency. In this case the 5-MHz clock can be
multiplied with the internal PLL to achieve higher resolution. The higher the clock frequency for PWM generation
block, the higher the resolution but the tradeoff is higher IQ of the part. Clock multiplication is set with
<PWM_RESOLUTION[1:0]> EEPROM Bits.
The PLL can also be used for generating the required PWM generation clock from the VSYNC signal. This makes
sure that the LED output PWM is always synchronized to the VSYNC signal and there is no clock variation
between LCD display video update and the LED backlight output frequency. Also HSYNC signal up to 55 kHz can
be used.
PLL has internal counter which has 13-bit control <PLL[12:0]> to achieve correct output clock frequency based
on the VSYNC frequency.
It can take a couple of seconds for the PLL to synchronize to 60-Hz VSYNC signal in start-up and before this
correct PWM clock frequency is generated from internal oscillator. FILTER pin component selection affects the
time it takes from the PLL to lock to VSYNC signal.
Special logic is implemented for allowing steady clock frequency even if there are missing VSYNC pulses. In
case pulses are randomly left out, the LP8550 can generate the pulses internally while keeping the same PWM
output frequency. When VSYNC pulses are available again, the internal logic automatically switches to the
external VSYNC clock without glitch.
12
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com