Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 41Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 42Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 43Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
10 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.7 V and 22 V. This input supply
should be well-regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition (start-up or rapid brightness change). The resistance of the input
supply rail should be low enough that the input current transient does not cause drop high enough in the LP8550
supply voltage that can cause false UVLO fault triggering.
If a separate 5-V power rail is used to power LP8550 VLDO/VIN pins, this voltage must be stable 4.5 V to 5 V.
Excessive noise or ripple in this rail can have adverse effect on device performance, so good grounding and
sufficient bypass capacitors must be used. If the input supply is located more than a few inches from the LP8550
additional bulk capacitance may be required in addition to the ceramic bypass capacitors. Depending on device
EEPROM configuration and usage case the boost converter is configured to operate optimally with certain input
voltage range. Examples are seen in the Detailed Design Procedure section. In uncertain cases, it is
recommended to contact a TI Sales Representative for confirmation of the compatibility of the use case,
EEPROM configuration, and input voltage range.
11 Layout
11.1 Layout Guidelines
Figure 33 is a layout recommendation for the LP8550. The figure is used for demonstrating the principle of good
layout. This layout can be adapted to the actual application layout if/where possible.
It is important that all boost components are close to the chip and the high current traces should be wide enough.
By placing the boost component on one side of the chip it is easy to keep the ground plane intact below the high
current paths. This way other chip pins can be routed more easily without splitting the ground plane. If the chip is
placed in the center of the boost components, the I2C lines, LED lines, etc. cut the ground plane below the high
current paths, and it makes the layout design more difficult.
VIN and VLDO need to be as noise-free as possible. Place the bypass capacitors near the corresponding pins and
ground them to as noise-free ground as possible.
Here are some main points to help the PCB layout work:
1. Current loops need to be minimized:
(a) For low frequency the minimal current loop can be achieved by placing the boost components as close to
the SW and SW_GND pins as possible. Input and output capacitor grounds need to be close to each
other.
(b) Minimal current loops for high frequencies can be achieved by making sure that the ground plane is
intact under the current traces. High frequency return currents try to find route with minimum impedance,
which is the route with minimum loop area, not necessarily the shortest path. Minimum loop area is
formed when return current flows just under the “positive” current route in the ground plane, if the ground
plane is intact under the route. Traces from inner pads of the LP8550 need to be routed from below the
part in the second layer so that traces do not split the ground plane under the boost traces or
components.
2. GND plane needs to be intact under the high current boost traces to provide shortest possible return path
and smallest possible current loops for high frequencies.
3. Current loops when the boost switch is conducting and not conducting needs to be on the same direction in
optimal case.
4. Inductor placement should be so that the current flows in the same direction as in the current loops. Rotating
inductor 180 degrees changes current direction.
5. Use separate “noisy” and “silent” grounds. Noisy ground is used for boost converter return current and silent
ground for more sensitive signals, like VIN and VLDO bypass capacitor grounding.
6. Boost output voltage to LEDs need to be taken out “after” the output capacitors, not straight from the diode
cathode.
7. Small (such as 39 pF) bypass capacitor should be placed close to the FB pin.
8. RISET resistor should be grounded to silent ground, since possible ground ripple will show at the LED current.
9. VIN line should be separated from the high current supply path to the boost converter to prevent high
40
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com