Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551TLE/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP8551TLE/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8551TLE/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8551TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 25Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
EEPROM
NVM
8 x 8 bits
REGISTERS
ADDRESS 00h...72h
Startup or
EE_READ=1
User
Device Control
EEPROM
REGISTERS
Address A0h...A7h
EE_PROG = 1
Device Control
A/
NA
S
'0'
Slave Address
(7 bits)
Control Register Add.
(8 bits)
A
A
Data- Data
(8 bits)
P
R/W
Data transfered, byte +
Ack/NAck
Sr
Slave Address
(7 bits)
'1' A
R/W
Direction of the transfer
will change at this point
From Master to Slave
From Slave to Master
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
Sr - REPEATED START CONDITION
Register Read Format
NA - ACKNOWLEDGE (SDA High)
S
'0'
Slave Address
(7 bits)
Control Register Add.
(8 bits)
A
A
A
Register Data
(8 bits)
P
R/W
From Master to Slave
From Slave to Master
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
Data transfered,
byte + Ack
Register Write Format
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.5.1.8 Register Read and Write Detail
Figure 19. LP8551 Register Write Format
Figure 20. LP8551 Register Read Format
8.5.2 EEPROM
EEPROM memory stores various parameters for chip control. The 64-bit EEPROM memory is organized as 8 x 8
bits. The EEPROM structure consists of a register front-end and the non-volatile memory (NVM). Register data
can be read and written through the serial interface, and data is effective immediately. To read and program
NVM, separate commands need to be sent. Erase and program voltages are generated on-chip charge pump, no
other voltages than normal input voltage are required. A complete EEPROM memory map is shown in the Device
Default Values section.
NOTE
EEPROM NVM can be programmed or read by customer for bench validation.
Programming for production devices should be done in TI production test, where
appropriate checks are performed to confirm EEPROM validity. Writing to EEPROM
Control register of production devices is not recommended. If special EEPROM
configuration is required, please contact the TI Sales Office for availability.
Figure 21. EEPROM Control Structure
24
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com