Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521TM Datasheet(PDF) 39 Page - Texas Instruments

Part # LP5521TM
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5521TM Datasheet HTML 35Page - Texas Instruments LP5521TM Datasheet HTML 36Page - Texas Instruments LP5521TM Datasheet HTML 37Page - Texas Instruments LP5521TM Datasheet HTML 38Page - Texas Instruments LP5521TM Datasheet HTML 39Page - Texas Instruments LP5521TM Datasheet HTML 40Page - Texas Instruments LP5521TM Datasheet HTML 41Page - Texas Instruments LP5521TM Datasheet HTML 42Page - Texas Instruments LP5521TM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
R
PWM value
127
255
Time (ms)
100
200
400
300
500
600
700
800
900 1000 1100
1200
R program:
ramp up to PWM value 128 in 200 ms
wait 200 ms
ramp down to PWM value 0 in 200 ms
wait 500 ms
1300 1400
1500 1600 1700
R program as binary code:
0000001101111111
0100110100000000
0000001111111111
0110000000000000
39
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.2.2 Detailed Design Procedures
Selecting input and output capacitors follows the same procedure as in the application with charge pump.
8.3 Initialization Setup
8.3.1 Program Load and Execution Example
1. Startup Device and Configure Device to SRAM Write Mode:
–
Supply e.g. 3.6 V to VDD
–
Supply e.g. 1.8 V to EN
–
Wait 1 ms (startup delay)
–
Generate 32 kHz clock to CLK_32K pin
–
Write to address 00H 0100 0000b (enable LP5521)
–
Wait 500 μs (startup delay)
–
Write to address 01H 0001 0000b (Configure R channel into "Load program to SRAM" mode)
2. Program Load to SRAM (see Figure 30):
–
Write to address 10H 0000 0011b (1st ramp command 8 MSB)
–
Write to address 11H 0111 1111b (1st ramp command 8 LSB)
–
Write to address 12H 0100 1101b (1st wait command 8 MSB)
–
Write to address 13H 0000 0000b (1st wait command 8 LSB)
–
Write to address 14H 0000 0011b (2nd ramp command 8 MSB)
–
Write to address 15H 1111 1111b (2nd ramp command 8 LSB)
–
Write to address 16H 0110 0000b (2nd wait command 8 MSB)
–
Write to address 17H 0000 0000b (2nd wait command 8 LSB)
3. Enable Powersave, charge pump automatic mode (1x / 1.5x) and use external 32 kHz clock:
–
Write to address 08H 0011 1000b
4. Run program:
–
Write to address 01H 0010 0000b (Configure LED controller operation mode to "Run program" in R
channel
–
Write to address 00H 0110 0000b (Configure program execution mode from "Hold" to "Run" in R channel
LP5521 will generate 1100 ms long LED pattern which will be repeated infinitely. LED pattern is illustrated in
Figure 30.
Figure 30. Sequence Diagram
8.3.2 Direct PWM Control Example
1. Start up device:
–
Supply, for example, 3.6 V to VDD
–
Supply, for example,1.8 V to EN
–
Wait 1 ms (start-up delay)
–
Write to address 00H 0100 0000b (enable LP5521)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com