Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV802 Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV802
Description  LPV801/LPV802 320 nA Nanopower Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV802 Datasheet(HTML) 3 Page - Texas Instruments

  LPV802 Datasheet HTML 1Page - Texas Instruments LPV802 Datasheet HTML 2Page - Texas Instruments LPV802 Datasheet HTML 3Page - Texas Instruments LPV802 Datasheet HTML 4Page - Texas Instruments LPV802 Datasheet HTML 5Page - Texas Instruments LPV802 Datasheet HTML 6Page - Texas Instruments LPV802 Datasheet HTML 7Page - Texas Instruments LPV802 Datasheet HTML 8Page - Texas Instruments LPV802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
3
LPV801, LPV802
www.ti.com
SNOSCZ3B – AUGUST 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
LPV801 5-Pin SOT-23
DBV Package
Top View
LPV802 8-Pin VSSOP
DGK Package
Top View
Pin Functions: LPV801 DBV
PIN
I/O
DESCRIPTION
NAME
NUMBER
OUT
1
O
Output
-IN
4
I
Inverting Input
+IN
3
I
Non-Inverting Input
V-
2
P
Negative (lowest) power supply
V+
5
P
Positive (highest) power supply
Pin Functions: LPV802 DGK
PIN
I/O
DESCRIPTION
NAME
NUMBER
OUT A
1
O
Channel A Output
-IN A
2
I
Channel A Inverting Input
+IN A
3
I
Channel A Non-Inverting Input
V-
4
P
Negative (lowest) power supply
+IN B
5
I
Channel B Non-Inverting Input
-IN B
6
I
Channel B Inverting Input
OUT B
7
O
Channel B Output
V+
8
P
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com