Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV801DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # LPV801DBVR
Description  LPV801/LPV802 320 nA Nanopower Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV801DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV801DBVR Datasheet HTML 8Page - Texas Instruments LPV801DBVR Datasheet HTML 9Page - Texas Instruments LPV801DBVR Datasheet HTML 10Page - Texas Instruments LPV801DBVR Datasheet HTML 11Page - Texas Instruments LPV801DBVR Datasheet HTML 12Page - Texas Instruments LPV801DBVR Datasheet HTML 13Page - Texas Instruments LPV801DBVR Datasheet HTML 14Page - Texas Instruments LPV801DBVR Datasheet HTML 15Page - Texas Instruments LPV801DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
OUT
V
+
V
–
IN –
IN +
Copyright © 2016,
Texas Instruments Incorporated
12
LPV801, LPV802
SNOSCZ3B – AUGUST 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LPV801 (single) and LPV802 (dual) series nanoPower CMOS operational amplifiers are designed for long-
life battery-powered and energy harvested applications. They operate on a single supply with operation as low as
1.6V. The output is rail-to-rail and swings to within 3.5mV of the supplies with a 100kΩ load. The common-mode
range extends to the negative supply making it ideal for single-supply applications. EMI protection has been
employed internally to reduce the effects of EMI.
Parameters that vary significantly with operating voltages or temperature are shown in the Typical Characteristics
curves.
7.2 Functional Block Diagram
7.3 Feature Description
The amplifier's differential inputs consist of a non-inverting input (+IN) and an inverting input (–IN). The amplifer
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN
+ – IN–)
where
•
AOL is the open-loop gain of the amplifier, typically around 120 dB (1,000,000x, or 1,000,000 Volts per
microvolt).
(1)
7.4 Device Functional Modes
7.4.1 Negative-Rail Sensing Input
The input common-mode voltage range of the LPV80x extends from (V-) to (V+) – 0.9 V. In this range, low offset
can be expected with a minimum of 80dB CMRR. The LPV80x is protected from output "inversions" or
"reversals".
7.4.2 Rail to Rail Output Stage
The LPV80x output voltage swings 3.5 mV from rails at 1.8 V supply, which provides the maximum possible
dynamic range at the output. This is particularly important when operating on low supply voltages.
The LPV80x Maximum Output Voltage Swing graph defines the maximum swing possible under a particular
output load.
7.4.3 Design Optimization for Nanopower Operation
When designing for ultralow power, choose system feedback components carefully. To minimize quiecent current
consumption, select large-value feedback resistors. Any large resistors will react with stray capacitance in the
circuit and the input capacitance of the operational amplifier. These parasitic RC combinations can affect the
stability of the overall system. A feedback capacitor may be required to assure stability and limit overshoot or
gain peaking.
When possible, use AC coupling and AC feedback to reduce static current draw through the feedback elements.
Use film or ceramic capacitors since large electolytics may have large static leakage currents in the nanoamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com