Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV801DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV801DBVT
Description  LPV801/LPV802 320 nA Nanopower Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV801DBVT Datasheet(HTML) 1 Page - Texas Instruments

  LPV801DBVT Datasheet HTML 1Page - Texas Instruments LPV801DBVT Datasheet HTML 2Page - Texas Instruments LPV801DBVT Datasheet HTML 3Page - Texas Instruments LPV801DBVT Datasheet HTML 4Page - Texas Instruments LPV801DBVT Datasheet HTML 5Page - Texas Instruments LPV801DBVT Datasheet HTML 6Page - Texas Instruments LPV801DBVT Datasheet HTML 7Page - Texas Instruments LPV801DBVT Datasheet HTML 8Page - Texas Instruments LPV801DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
+
VREF
+
VREF
RLoad
LPV802a
LPV802b
CE
WE
RE
CF
RF
VOUT
+
Output to
Comparator
LPV802a
IR
+
LPV802b
VREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LPV801, LPV802
SNOSCZ3B – AUGUST 2016 – REVISED NOVEMBER 2016
LPV801/LPV802 320 nA Nanopower Operational Amplifiers
1
1 Features
1
•
Nanopower Supply Current: 320 nA/channel
•
Offset Voltage: 3.5 mV (max)
•
TcVos: 1 µV/°C
•
Unity Gain-Bandwidth: 8 kHz
•
Wide Supply Range: 1.6 V to 5.5 V
•
Low Input Bias Current : 0.1 pA
•
Unity-Gain Stable
•
Rail-to-Rail Output
•
No Output Reversals
•
EMI Protection
•
Temperature Range: –40°C to 125°C
•
Industry Standard Packages:
–
Single in 5-pin SOT-23
–
Dual in 8-pin VSSOP
2 Applications
•
CO and O2 Gas Detectors (TIDA-00854)
•
PIR Motion Detectors (TIDA-00489)
•
Ionization Smoke Alarms
•
Thermostats
•
IoT Remote Sensors
•
Active RFID Readers and Tags
•
Portable Medical Equipment
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
The LPV801 (single) and LPV802 (dual) comprise a
family of ultra-low-power operational amplifiers for
sensing applications in battery powered wireless and
low power wired equipment. With 8kHz of bandwidth
from
320nA
of
quiescent
current,
the
LPV80x
amplifiers minimize power consumption in equipment
such as CO detectors, smoke detectors and PIR
motion detectors where operational battery-life is
critical.
In addition to being ultra-low-power, the LPV80x
amplifiers have CMOS input stages with typically
femto-amp bias currents. The LPV80x amplifiers also
feature a negative-rail sensing input stage and a rail-
to-rail output stage that is capable of swinging within
millivolts of the rails, maintaining the widest dynamic
range possible. EMI protection is designed into the
LPV80x in order to reduce system sensitivity to
unwanted RF signals from mobile phones, WiFi, radio
transmitters and tag readers.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE
LPV801
SOT-23 (5)
2.90 mm x 1.60 mm
LPV802
VSSOP (8)
3.00 mm × 3.00 mm
LPV8xx Family of Nanopower Amplifiers
PART
NUMBER
CHANNELS
SUPPLY
CURRENT
(Typ/Ch)
OFFSET
VOLTAGE
(Max)
LPV801
1
450 nA
3.5 mV
LPV802
2
320 nA
3.5 mV
LPV811
1
450 nA
370 µV
LPV812
2
425 nA
300 µV
Nanopower Amplifier in Electrochemical Sensor
Nanopower Amplifier in PIR Motion Detector


Similar Part No. - LPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV801DBVT TI1-LPV801DBVT Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
More results

Similar Description - LPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
logo
STMicroelectronics
TSU111 STMICROELECTRONICS-TSU111 Datasheet
1Mb / 30P
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
14-Nov-2016
logo
Texas Instruments
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com