Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV802 Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV802
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV802 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV802 Datasheet HTML 2Page - Texas Instruments LPV802 Datasheet HTML 3Page - Texas Instruments LPV802 Datasheet HTML 4Page - Texas Instruments LPV802 Datasheet HTML 5Page - Texas Instruments LPV802 Datasheet HTML 6Page - Texas Instruments LPV802 Datasheet HTML 7Page - Texas Instruments LPV802 Datasheet HTML 8Page - Texas Instruments LPV802 Datasheet HTML 9Page - Texas Instruments LPV802 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
0
2
4
6
8
10
12
Offset Voltage (µV)
C002
21492 Amplifiers
0
2
4
6
8
10
12
Offset Voltage (µV)
C002
21492 Amplifiers
0
2
4
6
8
10
12
Offset Voltage (µV)
C002
21492 Amplifiers
0
2
4
6
8
10
12
Offset Voltage (µV)
C002
21492 Amplifiers
0
2
4
6
8
Offset Voltage (µV)
C001
39107 Amplifiers
0
2
4
6
8
Offset Voltage (µV)
C001
39107 Amplifiers
6
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
VS = 1.8V
LPV811
TA = 25°C
VCM = V-
RL=No Load
Figure 3. Offset Distribution of LPV811
VS = 3.3V
LPV811
TA = 25°C
VCM = V-
RL=No Load
Figure 4. Offset Distribution of LPV811
VS = 1.8V
LPV812, Channel A
TA = 25°C
VCM = V-
RL=No Load
Figure 5. Offset Distribution of LPV812, CH A
VS = 3.3V
LPV812, Channel A
TA = 25°C
VCM = V-
RL=No Load
Figure 6. Offset Distribution of LPV812, CH A
VS =1.8V
LPV812, Channel B
TA = 25°C
VCM = V-
RL=No Load
Figure 7. Offset Distribution of LPV812, CH B
VS = 3.3V
LPV812, Channel B
TA = 25°C
VCM = V-
RL=No Load
Figure 8. Offset Distribution of LPV812, CH B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com