Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPY634AM Datasheet(PDF) 2 Page - Texas Instruments

Part # MPY634AM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634AM Datasheet(HTML) 2 Page - Texas Instruments

  MPY634AM Datasheet HTML 1Page - Texas Instruments MPY634AM Datasheet HTML 2Page - Texas Instruments MPY634AM Datasheet HTML 3Page - Texas Instruments MPY634AM Datasheet HTML 4Page - Texas Instruments MPY634AM Datasheet HTML 5Page - Texas Instruments MPY634AM Datasheet HTML 6Page - Texas Instruments MPY634AM Datasheet HTML 7Page - Texas Instruments MPY634AM Datasheet HTML 8Page - Texas Instruments MPY634AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MPY634
2
SBFS017A
www.ti.com
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C and VS = ±15VDC, unless otherwise noted.
MPY634KP/KU
MPY634AM
MPY634BM
MPY634SM
(Z
2 – Z1)
(X
1 – X2)
10V
+ Y
1
(X
1 – X2) (Y1 – Y2)
10V
+ Z
2
(X
1 – X2)
2
+ Z
2
10V
(X
1 – X2) (Y1 – Y2)
10V
+ Z
2
(Z
2 – Z1)
(X
1 – X2)
10V
+ Y
1
(X
1 – X2)
2
+ Z
2
10V
OBSOLETE OBSOLETE OBSOLETE
MODEL
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
MULTIPLIER
PERFORMANCE
Transfer Function
**
Total Error(1)
(–10V
≤ X, Y ≤ +10V)
±2.0
±1.0
±0.5
*
%
TA = min to max
±2.5
±1.5
±1.0
±2.0
%
Total Error vs Temperature
±0.03
±0.022
±0.015
±0.02
%/
°C
Scale Factor Error
(SF = 10.000V Nominal)(2)
±0.25
±0.1
*
*
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.01
*
%/
°C
Supply Rejection (
±15V ±1V)
±0.01
±0.01
*
*
%
Nonlinearity
X (X = 20Vp-p, Y = 10V)
±0.4
±0.4
0.2
±0.3
*
%
Y (Y = 20Vp-p, X = 10V)
±0.01
±0.01
*
±0.1
*
%
Feedthrough(3)
X (Y Nulled, X = 20Vp-p, 50Hz)
±0.3
±0.3
±0.15
±0.3
*
%
Y (X Nulled, Y = 20Vp-p, 50Hz)
±0.01
±0.01
*
±0.1
*
%
Both Inputs (500kHz, 1Vrms)
Unnulled
40
50
45
55
*
60
*
*
dB
Nulled
55
6055
6560
70
*
*
dB
Output Offset Voltage
±50
±100
±5
±30
*
±15
*
*
mV
Output Offset Voltage Drift
*
±200
±100
*
±500
µV/°C
DYNAMICS
Small Signal BW,
(VOUT = 0.1Vrms)
6
10
8
10
*
*
6
*
MHz
1% Amplitude Error
(CLOAD = 1000pF)
100
100
*
*
kHz
Slew Rate (VOUT = 20Vp-p)
20
20
*
*
V/
µs
Settling Time
(to 1%,
∆V
OUT = 20V)
2
2
*
*
µs
NOISE
Noise Spectral Density:
SF = 10V
0.8
0.8
*
*
µV/√Hz
Wideband Noise:
f = 10Hz to 5MHz
1
1
*
*
mVrms
f = 10Hz to 10kHz
90
90
*
*
µVrms
OUTPUT
Output Voltage Swing
±11
±11
*
*
V
Output Impedance (f
≤ 1kHz)
0.1
0.1
*
*
Ω
Output Short Circuit Current
(RL = 0, TA = min to max)
30
30
*
*
mA
Amplifier Open Loop Gain
(f = 50Hz)
85
85
*
*
dB
INPUT AMPLIFIERS (X, Y and Z)
Input Voltage Range
Differential VIN (VCM = 0)
±12
±12
*
*
V
Common-Mode VIN (VDIFF = 0)
±10
±10
*
*
V
(see Typical Performance Curves)
Offset Voltage X, Y
±25
±100
±5
±20
±2
±10
*
*
mV
Offset Voltage Drift X, Y
200
100
50
*
µV/°C
Offset Voltage Z
±25
±100
±5
±30
±2
±15
*
*
mV
Offset Voltage Drift Z
200
200
100
500
µV/°C
CMRR
60
80
60
80
70
90
*
*
dB
Bias Current
0.8
2.0
0.8
2.0
*
*
*
*
µA
Offset Current
0.1
0.1
*
*
2.0
µA
Differential Resistance
10
10
*
*
M
Ω
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
**
Total Error(1) untrimmed
(X = 10V, –10V
≤ Z ≤ +10V)
1.5
±0.75
±0.35
±0.75
%
(X = 1V, –1V
≤ Z ≤ +1V)
4.0
±2.0
±1.0
*
%
(0.1V
≤ X ≤ 10V, –10V ≤ Z ≤ 10V)
5.0
±2.5
±1.0
*
%
SQUARE PERFORMANCE
Transfer Function
**
Total Error (–10V
≤ X ≤ 10V)
±1.2
±0.6
±0.3
*
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com