Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH4D11NP-R60NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D11NP-R60NC
Description  Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D11NP-R60NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D11NP-R60NC Datasheet HTML 1Page - Sumida Corporation CDRH4D11NP-R60NC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH4D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
Rise Current
(A) ※2
CDRH4D11NP-R60NC
R60
0.60±30%
28.0(21.6)
2.60
2.00
3.50
CDRH4D11NP-1R0NC
1R0
1.0±30%
33.8(27.1)
2.10
1.58
2.80
CDRH4D11NP-1R5NC
1R5
1.5±30%
56.0(44.8)
1.73
1.30
2.00
CDRH4D11NP-2R2NC
2R2
2.2±30%
81.0(65.0)
1.35
1.00
1.70
CDRH4D11NP-3R3NC
3R3
3.3±30%
106.7(85.4)
1.17
0.86
1.45
CDRH4D11NP-4R7NC
4R7
4.7±30%
137.6(110.0)
0.99
0.72
1.30
CDRH4D11NP-5R6NC
5R6
5.6±30%
154.0(123.4)
0.90
0.68
1.20
CDRH4D11NP-6R8NC
6R8
6.8±30%
206.5(165.0)
0.81
0.60
1.00
CDRH4D11NP-8R2NC
8R2
8.2±30%
273.8(219.0)
0.74
0.54
0.83
CDRH4D11NP-100MC
100
10±20%
297.0(237.6)
0.68
0.50
0.78
CDRH4D11NP-150MC
150
15±20%
460.0(368.0)
0.53
0.40
0.63
CDRH4D11NP-220MC
220
22±20%
706.4(565.0)
0.44
0.32
0.50
CDRH4D11NP-330MC
330
33±20%
1004(836.8)
0.36
0.27
0.39
CDRH4D11NP-470MC
470
47±20%
1259(1049)
0.31
0.23
0.34
※
Description of part name
CDRH4D11NP-R60N□
※
1.Saturation current: The DC current at which the inductance decreases by 35% from its nominal value.
※
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com