Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508A Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU508A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508A Datasheet(HTML) 1 Page - STMicroelectronics

  BU508A Datasheet HTML 1Page - STMicroelectronics BU508A Datasheet HTML 2Page - STMicroelectronics BU508A Datasheet HTML 3Page - STMicroelectronics BU508A Datasheet HTML 4Page - STMicroelectronics BU508A Datasheet HTML 5Page - STMicroelectronics BU508A Datasheet HTML 6Page - STMicroelectronics BU508A Datasheet HTML 7Page - STMicroelectronics BU508A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BU208A
BU508A/BU508AFI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
HIGH VOLTAGE CAPABILITY
s
U.L. RECOGNISED ISOWATT218 PACKAGE
(U.L. FILE # E81734 (N)
s
JEDEC TO-3 METAL CASE.
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV
DESCRIPTION
The
BU208A, BU508A and BU508AFI are
manufactured
using
Multiepitaxial
Mesa
technology for cost-effective high performance
and use a Hollow Emitter structure to enhance
switching speeds.
INTERNAL SCHEMATIC DIAGRAM
November 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emit ter Volt age (VBE =0)
1500
V
VCEO
Collector-Emit ter Volt age (IB = 0)
700
V
VEBO
Emitt er-Base Voltage (IC =0)
10
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp <5 ms)
15
A
TO - 3
TO - 218
I SOW AT T218
Ptot
Tot al Dissipation at Tc =25
oC
150
125
50
W
Tstg
St orage Temperature
-65 to 175 -65 to 150
-65 t o 150
oC
Tj
Max. Operat ing Junction Temperat ure
175
150
150
oC
1
2
3
TO-218
ISOWATT218
1
2
3
1
2
TO-3
For TO-3 :
C = Tab
E = Pin2.
®
1/8


Similar Part No. - BU508A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU508A MOSPEC-BU508A Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
logo
Wing Shing Computer Com...
BU508A WINGS-BU508A Datasheet
70Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
STMicroelectronics
BU508A STMICROELECTRONICS-BU508A Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
logo
Savantic, Inc.
BU508A SAVANTIC-BU508A Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU508A ISC-BU508A Datasheet
134Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU508A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
BUL381D STMICROELECTRONICS-BUL381D Datasheet
79Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jul-1997
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-2000
SGSIF344 STMICROELECTRONICS-SGSIF344 Datasheet
90Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1997
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Mar-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
High voltage fast-switching NPN power transistors
18-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com