Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH5D14HPNP-R32N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D14HPNP-R32N
Description  Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D14HPNP-R32N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D14HPNP-R32N Datasheet HTML 1Page - Sumida Corporation CDRH5D14HPNP-R32N Datasheet HTML 2Page - Sumida Corporation CDRH5D14HPNP-R32N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH5D14/HP, CDRH5D14/LD, CDRH5D14
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification (CDRH5D14/HP)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μ
H)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise Current
(A) ※2
CDRH5D14HPNP-R32N□
R32
0.32±30%
19.5(15)
6.4
5.0
4.4
CDRH5D14HPNP-R60N□
R60
0.6±30%
22.5(18)
6.0
4.0
3.9
CDRH5D14HPNP-R90N□
R90
0.9±30%
27.5(22)
5.0
3.2
3.5
CDRH5D14HPNP-1R4N□
1R4
1.4±30%
40.3(32)
3.9
2.9
2.8
CDRH5D14HPNP-2R0N□
2R0
2.0±30%
57.5(46)
3.2
2.4
2.3
CDRH5D14HPNP-3R3N□
3R3
3.3±30%
96.5(77)
2.6
1.9
1.7
CDRH5D14HPNP-5R1N□
5R1
5.1±30%
140(112)
2.0
1.5
1.4
CDRH5D14HPNP-7R5N□
7R5
7.5±30%
210(168)
1.7
1.2
1.1
CDRH5D14HPNP-100N□
100
10±30%
280(222)
1.4
1.1
0.94
CDRH5D14HPNP-120N□
120
12±30%
345(275)
1.2
0.97
0.80
CDRH5D14HPNP-150N□
150
15±30%
448(358)
1.1
0.85
0.70
CDRH5D14HPNP-220N□
220
22±30%
670(536)
0.96
0.72
0.61
◆
Specification (CDRH5D14/LD)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise Current
(A) ※2
CDRH5D14LDNP-3R3N□
3R3
3.3±25%
47(38)
1.10
820m
2.70
CDRH5D14LDNP-4R7N□
4R7
4.7±25%
60(48)
1.00
750m
2.25
CDRH5D14LDNP-6R8N□
6R8
6.8±25%
82(66)
780m
580m
2.00
CDRH5D14LDNP-100M□
100
10±20%
106(85)
680m
510m
1.95
CDRH5D14LDNP-150M□
150
15±20%
158(127)
550m
410m
1.22
CDRH5D14LDNP-220M□
220
22±20%
220(180)
440m
330m
1.13
CDRH5D14LDNP-330M□
330
33±20%
380(310)
370m
280m
780m
CDRH5D14LDNP-470M□
470
47±20%
500(400)
320m
250m
700m
CDRH5D14LDNP-680M□
680
68±20%
770(620)
270m
210m
530m
CDRH5D14LDNP-101M□
101
100±20%
1050(840)
220m
160m
450m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com