Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH5D14HPNP-R90N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH5D14HPNP-R90N
Description  Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D14HPNP-R90N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH5D14HPNP-R90N Datasheet HTML 1Page - Sumida Corporation CDRH5D14HPNP-R90N Datasheet HTML 2Page - Sumida Corporation CDRH5D14HPNP-R90N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH5D14/HP, CDRH5D14/LD, CDRH5D14
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
◆
Specification (CDRH5D14)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise Current
(A) ※2
CDRH5D14NP-R60N□
R60
0.6±30%
22.7(18)
4.5
2.8
3.9
CDRH5D14NP-1R0N□
1R0
1.0±30%
25.6(20)
3.3
2.3
3.6
CDRH5D14NP-1R4N□
1R4
1.4±30%
27.5(22)
2.8
2.0
3.5
CDRH5D14NP-2R0N□
2R0
2.0±30%
33.8(27)
2.4
1.6
3.1
CDRH5D14NP-3R3N□
3R3
3.3±30%
53.7(43)
1.9
1.3
2.4
CDRH5D14NP-3R9N□
3R9
3.9±30%
65.0(52)
1.7
1.2
2.1
CDRH5D14NP-5R1N□
5R1
5.1±30%
77.2(62)
1.5
1.0
1.9
CDRH5D14NP-6R8N□
6R8
6.8±30%
110(89)
1.3
0.88
1.5
CDRH5D14NP-100N□
100
10±30%
148(115)
1.1
0.72
1.3
CDRH5D14NP-120N□
120
12±30%
210(165)
0.92
0.63
1.1
CDRH5D14NP-150P□
150
15±25%
230(185)
0.85
0.54
1.0
CDRH5D14NP-220P□
220
22±25%
384(306)
0.63
0.47
0.8
※
Description Of Part Name
CDRH5D14NP-R60N□
※
1. Saturation current: The DC current at which the inductance decreases to 70% of its nominal value.
※
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com