Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH124B Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH124B
Description  POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH124B Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH124B Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <SMD Type: CDRH***B Series>
Type: CDRH124B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆
Product Description
・
12.3×12.3mm Max.(L×W), 4.7mm Max. Height.
・
Reference Inductance:6.8μH; rated current: 5.0A
・
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
◆
Feature
・
Magnetically shielded construction.
・
4 Terminal pins’ type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit,etc).
・
Ideally used in power supplies’ module and portable devices such as Notebook PC,DSC/DVC,PDA, etc as
DC-DC Converter inductors or Transformers.
・
RoHS Compliance.
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)
“S”
is winding start.
◆
Specification
Measuring conditions
Inductance
(2-4)
6.8μH±20% Within
100kHz
D.C.R.
(3-1)
Max.733mΩ (TYP.587mΩ)
At 20℃
D.C.R.
(2-4)
Max.26mΩ (TYP.21mΩ)
At 20℃
Rated current
(2-4) ※
5.0A
Rated current
(3-1) ※
0.65A
※
This indicates the DC current at which the inductance decreases to 75% of its nominal value or D.C.
current at which △t=40℃, whichever is lower.(Ta=20℃)
12.0±0.3
0.2
5.0
MAX.4.7
1.0
①
②
④
③
ELECTRODE
DIMENSION OF CDRH124B
PART OF SILK SCREEN
1.0±0.1
5.4±0.1
5.6±0.2
1
S 2
4
3 S


Similar Part No. - CDRH124B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH124BNP-6R8MC SUMIDA-CDRH124BNP-6R8MC Datasheet
159Kb / 2P
POWER INDUCTORS
CDRH124B SUMIDA-CDRH124B_1 Datasheet
159Kb / 2P
POWER INDUCTORS
More results

Similar Description - CDRH124B

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com