Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18/2DB-500 Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 18/2DB-500
Description  2C/18 AWG 16 STRAND OXYGEN FREE COPPER SPEAKER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/2DB-500 Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/2DB-500 Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Standard:
EU RoHS 2011/65/EU Compliant
Electrical & Physical Characteristics:
Rated Voltage
Bend radius
Min 15D/80mm
- 20°C + 75°C
Dielectric Strength
Min AC1.5KV
Conductor Resistance(18AWG)
Max 22.8ohm/km at 20°C
Operating Temperature Range
5.8kgs/12.786lbs
270X160X160
500ft/Spool
96
Marking:
STRUCTURED CABLE PRODUCTS --- 18/2DB --- 2C 18AWG 16 STRAND OFC DIRECT BURIAL WATER BLOCK
TAPE - LLDPE JKT - EU RoHS ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 ***FEET
Packaging:
Approx.Weight
Approx.Dimension(mm)
Package
Packages per pallet
Max 80Volts
Insulation Resistance
Min 50M
Ω*km at 20°C
Minimum installation temperature
0°C + 40°C
Jacket
Material
LLDPE
Min.Thickness
0.70mm
AVG.Thickness
0.80mm
Diameter
5.2+/-0.20mm
Rip Cord
Nylon
Color
Black
Black & Red
Screen
Core wrap
PE Tape
Filler
Water proof
Insulation
Material
PVC
Min.Thickness
0.24mm
AVG.Thickness
0.26mm
Diameter
1.70+/-0.05mm
Colors
Conductor
Material
Stranded Bare Copper
Size
18AWG X 2C
Construction
16/0.254+/-0.004mm
Construction Characteristics:
SCP PART#: 18/2DB-500
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
Rev03/21
2C/18 AWG 16 STRAND OXYGEN FREE COPPER SPEAKER CABLE, WATER PROOF,LLDPE JKT


Similar Part No. - 18/2DB-500

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
18/2DC-P-WT-1000 STRUCTURED-CABLE-18/2DC-P-WT-1000 Datasheet
218Kb / 1P
2C/18 AWG Solid BC- Plenum - Low Voltage LED Dimmer Cable
18/2DC-WT-1000 STRUCTURED-CABLE-18/2DC-WT-1000 Datasheet
219Kb / 1P
2C/18 AWG Solid BC- Low Voltage LED Dimmer Cable
More results

Similar Description - 18/2DB-500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0505327225 MOLEX7-0505327225 Datasheet
94Kb / 2P
Parallel Splice for 14-16 AWG, Closed Uninsulated Barrel, Oxygen Free Copper Length 8.00mm (.315")
logo
General Cable Technolog...
C4197A GENERAL-C4197A Datasheet
60Kb / 1P
2C 18 AWG (16/30)TC PVC, OAS, PVC COMMUNICATION CABLE
C6101A GENERAL-C6101A Datasheet
60Kb / 1P
2C/18 AWG (16/30)TC SRPVC, PVC COMMUNICATION CABLE
C9028A GENERAL-C9028A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / PVC
C9127A GENERAL-C9127A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / OAS / PVC
C9228A GENERAL-C9228A Datasheet
70Kb / 1P
2C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C1357 GENERAL-C1357 Datasheet
57Kb / 1P
2C 18 AWG PVC PARALLEL
logo
Belden Inc.
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
8808H BELDEN-8808H Datasheet
150Kb / 2P
Speaker Cable, #8-2c, BC, Unshielded, CM
04-14-2023
8810H BELDEN-8810H Datasheet
150Kb / 2P
Speaker Cable, #10-2c, BC, Unshielded, CM
04-14-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com