Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL-AT2010-R47 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPL-AT2010-R47
Description  EVSK-001 Power Inductor Sample Kit MPL-AT Low-Profile Molded Inductor Series, Sizes 2010/2512/2514
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPL-AT2010-R47 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPL-AT2010-R47 Datasheet HTML 1Page - Monolithic Power Systems MPL-AT2010-R47 Datasheet HTML 2Page - Monolithic Power Systems MPL-AT2010-R47 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EVSK-001 Power Inductor Sample Kit
MPL-AT Low-Profile Molded Inductor Series,
Sizes 2010/2512/2514
EVSK-001 Rev. 1.0
MonolithicPower.com
1
3/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Order Code
L (µH)
RDC (mΩ)
IR (A)
ISAT (A)
Units
MPL-AT2010-R47
0.47
27
4.4
5.7
16
MPL-AT2010-1R0
1.0
50
3.2
4.2
16
MPL-AT2010-2R2
2.2
137
2.2
2.7
16
MPL-AT2010-4R7
4.7
215
1.5
1.9
16
MPL-AT2512-R47
0.47
19
5.5
6.4
16
MPL-AT2512-1R0
1.0
35
4.0
5.2
16
MPL-AT2512-1R5
1.5
56
3.2
4.2
16
MPL-AT2514-2R2
2.2
70
2.6
3.4
16
MPL-AT2512-3R3
3.3
121
2.0
2.7
16
MPL-AT2514-4R7
4.7
180
1.7
2.4
16
MPL-AT2512-6R8
6.8
280
1.4
2.2
16
MPL-AT2512-100
10
355
1.2
1.7
16
DESCRIPTION
The MPL-AT series offers a very low profile for
applications in which height is a design restriction. This
series offers low DCR and the ability to handle high
currents.
FEATURES
• Low Audible Noise
• Molded Construction
• Soft Saturation
• Stable across High Temperatures
• Low DCR
• RoHS/REACH-Compliant, Halogen-Free
INCLUDED IN THIS SAMPLE KIT
APPLICATIONS
• Battery-Powered Devices
• High Switching Frequency SMPS
• IoT
• Wearable Devices
• Portable Devices
• Input Filters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For MPS green status, please visit the MPS website under Quality Assurance.
“MPS”,
the MPS logo, and “Simple, Easy Solutions” are registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MPL-AT2010-R47

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
MPL-A220T-HJ72AA NHP-MPL-A220T-HJ72AA Datasheet
632Kb / 2P
SERVO MOTOR 6000RPM 1.61Nm INC ENCODER NO BRAKE KEYED
7 June 2023,
MPL-A430H-SJ72AA NHP-MPL-A430H-SJ72AA Datasheet
592Kb / 2P
SERVO MOTOR 3500RPM 6.21Nm SINGLE TURN NO BRAKE KEYED
7 June 2023,
logo
Monolithic Power System...
MPL-AY3020-100 MPS-MPL-AY3020-100 Datasheet
239Kb / 3P
EVSK-002 Power Inductor Sample Kit MPL-AY Molded Inductor Series, Sizes 3020/4020
3/17/2022 Rev. 1.0
MPL-AY3020-1R0 MPS-MPL-AY3020-1R0 Datasheet
239Kb / 3P
EVSK-002 Power Inductor Sample Kit MPL-AY Molded Inductor Series, Sizes 3020/4020
3/17/2022 Rev. 1.0
MPL-AY3020-1R5 MPS-MPL-AY3020-1R5 Datasheet
239Kb / 3P
EVSK-002 Power Inductor Sample Kit MPL-AY Molded Inductor Series, Sizes 3020/4020
3/17/2022 Rev. 1.0
More results

Similar Description - MPL-AT2010-R47

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLM-2525CZ-01 VISHAY-IHLM-2525CZ-01 Datasheet
129Kb / 4P
Molded, Low Profile, High Current Inductor
24-Jan-06
logo
Pulse A Technitrol Comp...
PA5447.XXXNLT PULSE-PA5447.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5448.XXXNLT PULSE-PA5448.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730 CODACA-CSEB0730 Datasheet
1,000Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770 CODACA-CSEB0770 Datasheet
933Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0850 CODACA-CSEB0850 Datasheet
929Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com