Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86933 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems MP86933 Datasheet HTML 10Page - Monolithic Power Systems MP86933 Datasheet HTML 11Page - Monolithic Power Systems MP86933 Datasheet HTML 12Page - Monolithic Power Systems MP86933 Datasheet HTML 13Page - Monolithic Power Systems MP86933 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
12
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For best performance, refer to Figure
4 and follow the guidelines below.
1. Place the input MLCC capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP86933.
3. Maximize the VIN and PGND copper plane
to minimize the parasitic impedance.
4. Place as many PGND vias as possible close
to
PGND
to
minimize
both
parasitic
impedance and thermal resistance.
5. Place the VCC decoupling capacitor close to
the device.
6. Connect AGND and PGND at the point of the
VCC capacitor's ground connection.
7. Place the BST capacitor as close to BST and
SW as possible.
8. Route the path with trace widths 20 mils or
higher.
9. Use 0.1µF to 1µF bootstrap capacitors.
10. Keep the CS signal trace away from high-
current paths like SW and PWM.
CBST
CVCC
CIN
L
SW
PGND
VIN
VOUT
1
2
7
8
9
10
11
13 12
3
6
5
4
PGND
VIN
SW
VIN
SW
PGND
Figure 4: Example of PCB Layout (Placement & Top Layer PCB)
Input Capacitor: 0805 & 0402 package
Inductor: 6.5 x 6.5 (mm)
VCC/BST capacitor: 0402 package
Via size: 20/10 mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com