Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW1663PV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEW1663PV
Description  PEW...PV coupler socket-outlets, low voltage from over 50V up to 690V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEW1663PV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEW1663PV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Colour Part No.
Colour Part No.
Colour Part No.
Colour
16A
32A
63A
125A
IP66/IP67 degrees of protection
IP66/IP67 degrees of protection
IP67 degree of protection
IP67 degree of protection
PEW 1643 PV q
PEW 3243 PV q
PEW 6343 PV q
PEW 12543 PV q
PEW 1663 PV q
PEW 3263 PV q
PEW 6363 PV q
PEW 12563 PV q
PEW 1693 PV q
PEW 3293 PV q
PEW 6393 PV q
PEW 12593 PV q
PEW 1673 PV q
PEW 3273 PV q
PEW 6373 PV q
PEW 12573 PV q
PEW 16123 PV q
PEW 32123 PV q
PEW 63123 PV q
PEW 125123 PV q
PEW 1623 PV q
PEW 3223 PV q
PEW 1633 PV q
PEW 3233 PV
PEW 6333 PV
PEW 12533 PV
PEW 1683 PV
PEW 3283 PV
PEW 6383 PV
PEW 12583 PV
dimensions in mm
dimensions in mm
(16 / 32A) PEW ... PV
(63 / 125A) PEW ... PV
13
PEW...PV coupler socket-outlets, low voltage from over 50V up to 690V
PEW 1645 PV q
PEW 3245 PV q
PEW 6345 PV q
PEW 12545 PV q
PEW 1695 PV q
PEW 3295 PV q
PEW 6395 PV q
PEW 12595 PV q
PEW 1665 PV q
PEW 3265 PV q
PEW 6365 PV q
PEW 12565 PV q
PEW 1675 PV q
PEW 3275 PV q
PEW 6375 PV q
PEW 12575 PV q
PEW 1655 PV
PEW 3255 PV
PEW 6355 PV
PEW 12555 PV
PEW 16115 PV q
PEW 32115 PV q
PEW 63115 PV q
PEW 125115 PV q
PEW 1635 PV q
PEW 3235 PV q
PEW 1635 PV q
PEW 3235 PV q
PEW 1625 PV q
PEW 3225 PV q
PEW 1644 PV q
PEW 3244 PV q
PEW 6344 PV q
PEW 12544 PV q
PEW 1694 PV q
PEW 3294 PV q
PEW 6394 PV q
PEW 12594 PV q
PEW 1664 PV q
PEW 3264 PV q
PEW 6364 PV q
PEW 12564 PV q
PEW 16114 PV q
PEW 32114 PV q
PEW 63114 PV q
PEW 125114 PV q
PEW 1674 PV q
PEW 3274 PV q
PEW 6374 PV q
PEW 12574 PV q
PEW 1654 PV
PEW 3254 PV
PEW 6354 PV
PEW 12554 PV
PEW 1634 PV q
PEW 3234 PV q
PEW 1634 PV q
PEW 3234 PV q
PEW 16104 PV q
PEW 32104 PV q
PEW 1624 PV q
PEW 3224 PV q
B
A
Pg Ø
PEW...PV
A
B
Pg ø
63A 2P+m
277 108.5 36
3P+m
277 108.5 36
3P+N+m 277 108.5 36
125A 2P+m
324 120.5 2”gas
3P+m
324 120.5 2”gas
3P+N+m 324 120.5 2”gas
A.V.
(1)
A.V.
A.V.
(1)
(1)
(1)
A.V.
(1)
A.V.
A.V.
(1)
(1)
(1)
A.V.
A.V.
A.V.
A.V.
A.V.
A.V.
A
Ø
B
PEW...PV
A
B ø min ø max
16A 2P+m
145 77 7
16
3P+m
145 85 7
16
3P+N+m 145 93 8
24
32A 2P+m
162 97 8
24
3P+m
162 97 8
24
3P+N+m 162 105 8
24
NEW
NEW


Similar Part No. - PEW1663PV

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PEW1663PVB PROPOWER-PEW1663PVB Datasheet
173Kb / 2P
PEW16/32_pv Series Mains Plugs
22/06/06 V1.0
More results

Similar Description - PEW1663PV

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
logo
TDK Electronics
C5750X7R1C226M280KA TDK-C5750X7R1C226M280KA Datasheet
139Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1E226M250KA TDK-C5750X7R1E226M250KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1H106M230KB TDK-C5750X7R1H106M230KB Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
CGA1A2C0G1E1R5C030BA TDK-CGA1A2C0G1E1R5C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E2R2C030BA TDK-CGA1A2C0G1E2R2C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E030C030BA TDK-CGA1A2C0G1E030C030BA_16 Datasheet
131Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E040C030BA TDK-CGA1A2C0G1E040C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com