Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW1663SV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEW1663SV
Description  PEW...SV coupler plugs, low voltage from over 50V up to 690V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEW1663SV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEW1663SV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PEW 1643 SV q
PEW 3243 SV q
PEW 6343 SV q
PEW 12543 SV q
PEW 1663 SV q
PEW 3263 SV q
PEW 6363 SV q
PEW 12563 SV q
PEW 1693 SV q
PEW 3293 SV q
PEW 6393 SV q
PEW 12593 SV q
PEW 1673 SV q
PEW 3273 SV q
PEW 6373 SV q
PEW 12573 SV q
PEW 16123 SV q
PEW 32123 SV q
PEW 63123 SV q
PEW 125123 SV q
PEW 1623 SV q
PEW 3223 SV q
PEW 1633 SV q
PEW 3233 SV
PEW 6333 SV
PEW 12533 SV
PEW 1683 SV
PEW 3283 SV
PEW 6383 SV
PEW 12583 SV
Part No.
Colour Part No.
Colour Part No.
Colour Part No.
Colour
16A
32A
63A
125A
IP66/IP67 degrees of protection
IP66/IP67 degrees of protection
IP67 degree of protection
IP67 degree of protection
dimensions in mm
dimensions in mm
(16 / 32A) PEW ... SV
(63 / 125A) PEW ... SV
11
PEW...SV coupler plugs, low voltage from over 50V up to 690V
PEW 1645 SV q
PEW 3245 SV q
PEW 6345 SV q
PEW 12545 SV q
PEW 1695 SV q
PEW 3295 SV q
PEW 6395 SV q
PEW 12595 SV q
PEW 1665 SV q
PEW 3265 SV q
PEW 6365 SV q
PEW 12565 SV q
PEW 1675 SV q
PEW 3275 SV q
PEW 6375 SV q
PEW 12575 SV q
PEW 1655 SV
PEW 3255 SV
PEW 6355 SV
PEW 12555 SV
PEW 16115 SV q
PEW 32115 SV q
PEW 63115 SV q
PEW 125115 SV q
PEW 1635 SV q
PEW 3235 SV q
PEW 1635 SV q
PEW 3235 SV q
PEW 1625 SV q
PEW 3225 SV q
PEW 1644 SV q
PEW 3244 SV q
PEW 6344 SV q
PEW 12544 SV q
PEW 1694 SV q
PEW 3294 SV q
PEW 6394 SV q
PEW 12594 SV q
PEW 1664 SV q
PEW 3264 SV q
PEW 6364 SV q
PEW 12564 SV q
PEW 16114 SV q
PEW 32114 SV q
PEW 63114 SV q
PEW 125114 SV q
PEW 1674 SV q
PEW 3274 SV q
PEW 6374 SV q
PEW 12574 SV q
PEW 1654 SV
PEW 3254 SV
PEW 6354 SV
PEW 12554 SV
PEW 1634 SV q
PEW 3234 SV q
PEW 1634 SV q
PEW 3234 SV q
PEW 16104 SV q
PEW 32104 SV q
PEW 1624 SV
q
PEW 3224 SV q
PEW...SV
A
B Pg ø
63A 2P+m
264.5 112 36
3P+m
264.5 112 36
3P+N+m 264.5 112 36
125A 2P+m
310 130 2”gas
3P+m
310 130 2”gas
3P+N+m 310 130 2”gas
A.V.
(1)
A.V.
A.V.
(1)
(1)
(1)
A.V.
(1)
A.V.
A.V.
(1)
(1)
(1)
A.V.
A.V.
A.V.
A.V.
A.V.
A.V.
PEW...SV
A
B ø min ø max
16A 2P+m
129 70 7
16
3P+m
129 77 7
16
3P+N+m 129 86 8
24
32A 2P+m
150 92 8
24
3P+m 150 92 8
24
3P+N+m 150 100 8
24
B
A
Pg Ø
NEW
NEW
B
A
Ø


Similar Part No. - PEW1663SV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEW1663SVB ETC-PEW1663SVB Datasheet
230Kb / 1P
Mains Plug
V1.0 08/11/12
More results

Similar Description - PEW1663SV

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R1C226M280KA TDK-C5750X7R1C226M280KA Datasheet
139Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1E226M250KA TDK-C5750X7R1E226M250KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X7R1H106M230KB TDK-C5750X7R1H106M230KB Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
CGA1A2C0G1E1R5C030BA TDK-CGA1A2C0G1E1R5C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E2R2C030BA TDK-CGA1A2C0G1E2R2C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E030C030BA TDK-CGA1A2C0G1E030C030BA_16 Datasheet
131Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E040C030BA TDK-CGA1A2C0G1E040C030BA_16 Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E150J030BA TDK-CGA1A2C0G1E150J030BA Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
CGA1A2C0G1E470J030BA TDK-CGA1A2C0G1E470J030BA Datasheet
130Kb / 1P
Automotive Grade ( General (Up to 50V) )
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com