Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLM-DTC. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCLM-DTC.
Description  4-Prong Dual Circuit Standard Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCLM-DTC. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCLM-DTC. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
To Order
Compensating Alloy
Alloy
Type of Thermocouple
Used in Connector
Color
Model
Code†
Used with Connector
+
–
Code
Number
CHROMEGA®-ALOMEGA®
CHROMEGA®
ALOMEGA®
Yellow
DTC-K-(*)
Copper-Constantan
Copper
Constantan
Blue
DTC-T-(*)
Iron-Constantan
Iron
Constantan
Black
DTC-J-(*)
CHROMEGA®-Constantan
CHROMEGA®
Constantan
Purple
DTC-E-(*)
/
Pt/13%Rh-Pt
Copper
RNX/SNX
Green
DTC-R/S-(*)
Uncompensated
Copper
Copper
White
DTC-U-(*)
OMEGALLOY®
OMEGA-P®
OMEGA-N®
Orange
DTC-N-(*)
T-dual TC/TypeJ
G-16
4-Prong Dual Circuit
Standard Connectors
The OMEGA® DTC is one connector
which performs the function of
two. The DTC connects two pairs
of thermocouple wires or one dual
thermocouple and two extension
wires. The excellent thermal and
electrical characteristics of the
thermocouple-grade contacts
assure high accuracy.
U
Exclusive Chamber
Design Assures Electrical
Isolation Between Circuits
U
Interlocking Parts for
Added Strength
U
Single Screw Caps
U
No Probe Clamp Required
U
Color-Coded
U
Glass-Filled Nylon Rated
From -29 to 180°C
(-20 to 356°F)
* To order, specify “M” for male connector only, or “F” for female connector only.
† K, T, J, E, R and S are ANSI designations. OMEGALLOY ®, Type N, is known generically as Nicrosil-Nisil.
Ordering Example: DTC-K-M, CHROMEGA®-ALOMEGA®, 4-prong, dual male connector.
DTC connector pin spacing mates with standard size jack
panels or 2 standard (OST) size connectors
DIMENSIONS
IN MM (INCHES)
BODY OF FEMALE IS SAME
SIZE AS BODY OF MALE
E
+–
31.75
(1.25)
25.40
(1.00)
38.10
(1.50)
17.46
(0.69)
3.96
(0.16)
4.77
(0.19)
11.11
(0.44)
15.06
(0.59)
19.05
(0.75)
Controller
Recorder
Both shown close to
actual size
Cable clamp
PCLM-DTC
Glass-Filled
Nylon!
Glass-Filled
Nylon!
U
DTC-K-M
Male Connector
DTC-K-F
Female Connector
G
Perform TWO
Functions
with ONE Dual
Element Probe!
For Companion Dual
Circuit Probes Visit Us
Online.
Crimp Style
Bushings
Available
We make running changes
when technical advances allow.
Check at time of ordering
for additional features.
1-10 ..................
Net
11-49 .................
5%
50-99 ................
10%
100-999 ..............
15%
1000-4999 ............
20%
5000 and over..........
25%
Discount Schedule
Note: Minor discoloration of connector may
occur between 150°C (302°F) and 180°C
(356°F). Electrical properties are not affected.


Similar Part No. - PCLM-DTC.

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCLM-FT OMEGA-PCLM-FT Datasheet
153Kb / 2P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
PCLM-FT OMEGA-PCLM-FT Datasheet
315Kb / 1P
EMI Protection Hardware with Nickel-Zinc Ferrite Cores Cable Clamps for Standard and Miniature Connectors
logo
List of Unclassifed Man...
PCLM-GMP ETC-PCLM-GMP Datasheet
202Kb / 2P
Connector Accessories For Miniature Size Connectors
logo
Omega Engineering, Inc.
PCLM-MTP OMEGA-PCLM-MTP Datasheet
218Kb / 1P
Connector Accessories For Ceramic and Three-Pin Connectors
PCLM-NHX OMEGA-PCLM-NHX Datasheet
218Kb / 1P
Connector Accessories For Ceramic and Three-Pin Connectors
More results

Similar Description - PCLM-DTC.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69008-1090 MOLEX11-69008-1090 Datasheet
37Kb / 1P
Handtool for Connectors, 4-26 Circuit
logo
CUI INC
AC-C13-AU CUI-AC-C13-AU Datasheet
96Kb / 2P
3 PRONG AC CORD, AUSTRALIA
AC-C13-EU CUI-AC-C13-EU Datasheet
113Kb / 2P
3 PRONG AC CORD, EUROPE
AC-C13-JP CUI-AC-C13-JP Datasheet
96Kb / 2P
3 PRONG AC CORD, JAPAN
AC-C13-NA CUI-AC-C13-NA Datasheet
108Kb / 2P
3 PRONG AC CORD, NORTH AMERICA
AC-C13-EU CUI-AC-C13-EU_V01 Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C13JP CUID-AC-C13JP Datasheet
262Kb / 2P
3 PRONG AC CORD, JAPAN
10/25/2022
AC-C13-JP CUID-AC-C13-JP Datasheet
262Kb / 2P
3 PRONG AC CORD, JAPAN
10/25/2022
AC-C13-EU CUID-AC-C13-EU Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
AC-C13AU CUID-AC-C13AU Datasheet
267Kb / 2P
3 PRONG AC CORD, AUSTRALIA
10/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com