Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1632-R010-D-T5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRL1632-R010-D-T5
Description  Low resistance chip resistors (long-side terminal)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRL1632-R010-D-T5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRL1632-R010-D-T5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL1632-R010-D-T5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pulse duration (seconds)
Pulse duration (seconds)
These high-power low resistance chip resistors are designed to dissipate heat efficiently
through the land patterns on circuit boards. The actual temperature of the surface of the
resistor is dependent upon the dimensions and the shape of the land patterns.
0
0
20
40
60
80
100
120
160
180
200
220
5
10
15
20
25
RL3720W(Power rating 1W)
W(mm)
1W applied
0.75W
applied
0.5W applied
W
Chip resistors
L
(27mm)
Land pattern
Land area(S)=W・L
0
0
20
40
60
80
100
120
160
180
200
220
5
10
15
20
25
RL7520W(Power rating 2W)
W(mm)
2W applied
1W applied
0.5W applied
W
Chip resistors
Land pattern
Land area(S)=W・L
L
(27mm)
0
0
50
100
150
200
250
300
10
20
30
RL3720W(Power rating 0.5W)
L(mm)
0.5W applied
0.25W applied
W
(4.15mm)
Chip resistors
L
Land pattern
0
0
50
100
150
200
250
300
10
20
30
RL7520W(Power rating 1W)
L(mm)
1W applied
0.75W applied
0.5W applied
0.25W applied
W
(7.9mm)
Chip resistors
L
Land pattern
0.1
0
1
2
3
4
5
6
1
10
100
Frequency/MHz
group1:Distance between the two electrodes6.4mm(RL-3264)
group2:Distance between the two electrodes3.2mm(RL1632)
group3:Distance between the two electrodes1.6 ∼ 2.0mm(RL3720W)
group4:Distance between the two electrodes1.25mm(KRL2012)
Short
side
terminal
type
Long
side
terminal
type
Voltage pulse is applied to the test samples mounted
on the test board.
After each pulse, resistance drift is measured. Pulse
vol tage is increased until the drift exceeds +/-0.5%.
The power at that voltage is defined as the maximum
pulse power.
Test procedure
Pulse duration(seconds)
200
150
50
100
0
0.001
0.01
0.1
1
10
RL7520W-R10
RL3264-R050
RL7520-R10
RL1632-R050
RL1220-R10
100
50
0
−55
0
70
125
RL3720W
100
50
0
−55
0
30
150
125
RL7520W
◆
Resistance to power pulse
◆
ESL (Equivalent series inductance)
◆
Surface temperature data
○
◆
Derating Curve
The high power type land pattern and
surface temperature
58
L
W
a
t
b
◆
Part numbering system
◆
Electrical Specification
◆
Dimensions
PRL 1220 - R010 - D - T5
(unit:mm)
PRL0816
PRL1220
PRL1632
PRL3264
RL3720W
RL7520W
E-24
E-24
1m step
(7m ~ 10m)
E-24
1m step
(5m ~ 10m)
E-24
1m step
(3m ~ 10m)
E-24
1m step
(1m ~ 10m)
E-24
1m step
(1m ~ 10m)
√(P・R)
Resistance range(Ω) Resistance tolerance
Resistance
value series
-55℃
~ 125℃
Operating
temperature
(ppm/℃)
±0.5% (D)
±1% (F)
±2% (G)
±5% (J)
Type
Maximum
voltage
Power
ratings
1/3W
2/3W
1W
2W
1W
2W
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
±50(Q)
±100(R)
0 ∼ +200(S)
0 ∼ +350(T)
0 ∼ +420(T)
0 ∼ +800(T)
75m≦R≦100m
43m≦R≦68m
33m≦R≦39m
18m≦R≦27m
10m≦R≦15m
56m≦R≦100m
47m≦R≦51m
ー
56m≦R≦100m
20m≦R≦51m
10m≦R≦18m
56m≦R≦100m
47m≦R≦51m
20m≦R≦43m
10m≦R≦18m
5m≦R≦9m
20m≦R≦43m
10m≦R≦18m
5m≦R≦9m
100m≦R≦1
5m≦R≦91m
1m≦R≦4m
100m≦R≦470m
10m≦R≦91m
100m≦R≦470m
10m≦R≦91m
5m≦R≦9m
1m≦R≦4m
ー
ー
ー
ー
3m≦R≦4m
ー
ー
ー
7m≦R≦9m
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
ー
Resistance tolerance
Packaging
quantity:
T5(5,000pcs)
Nominal resistance value
Size: PRL0816, PRL1220, PRL1632, PRL3264
Series
code
RL 3720W T - R10 - F
Resistance tolerance
Temperature
coefficient
of resistance
Nominal resistance value
Size: RL3720W, RL7520W
Series
code
T5
4,000pcs
Packaging
quantity
Low resistance chip resistors
(long-side terminal)
■
PRL / RL series
・
・
Innovative structure that takes consideration of heat dissipation suppresses the
surface temperature enabling the small sizes, reduction of the influence on
surrounding components, excellent temperature cycle resistance, low ESL and low
noise.
PC power sources, inverters, automotive electronics, adopters, industrial machines
Applications
Features
PRL0816
PRL1220
PRL1632
PRL3264
RL3720W
RL7520W
Type
0.80±0.20
1.25±0.20
1.60±0.20
3.20±0.20
2.00±0.20
2.00±0.20
0603
0805
1206
2512
1508
3008
Size
(inch)
L
1.60±0.20
2.00±0.20
3.20±0.20
6.40±0.20
3.75±0.30
7.50±0.30
W
ー
ー
ー
ー
0.40±0.20
0.40±0.20
a
0.20±0.10
0.35±0.15
0.45±0.15
0.90±0.15
0.40+0.20
0.40±0.20
0.40±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.20
0.50±0.20
b
t
Temperature
coefficient
of resistance
57



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com